Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKC40-16 Datasheet(PDF) 2 Page - Lumberg

Part # RKC40-16
Description  Mini, 7/8 Field Attachable Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKC40-16 Datasheet(HTML) 2 Page - Lumberg

  RKC40-16 Datasheet HTML 1Page - Lumberg RKC40-16 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lumberg-automationusa.com
Technical Support:
1-717-217-2289
Data sheet | 08/19/16
Be Certain with Belden
Mini, 7/8" Field Attachable Connectors
RSC 30-RSC 50 | RKC 30-RKC 50
Technical Data
Environmental
Degree of protection
IP 67 / NEMA 6P
Operating temperature range
-40°C (-40°F) / +90°C (+194°F)
Mechanical
Housing / Molded body
PA
Insert
TPU, self-extinguishing
Contact
CuZn, gold over nickel plated
Coupling nut
Al anodized
O-ring
NBR
Mode of connection
screw terminals
Connectable conductor
max. 1.5 mm2
Electrical
Contact resistance
≤ 5 mΩ
Nominal current at 40°C
3 poles 12 A
4–5 poles 9 A
Nominal voltage
240 V
Rated voltage
250 V
Test voltage
3 poles 2.5 kV eff. / 60 s
4–5 poles 1.5 kV eff. / 60 s
Insulation resistance
> 109
Ω
Pollution degree
3
Part Number
Pins
Cable Diameter Range
Characteristics
Male
Female
RSC 30/9
RKC 30/9
3
Ø 6.0 - 8.0 mm
RSC 30/11
RKC 30/11
Ø 8.0 - 10.0 mm
RSC 30/13.5
RKC 30/13.5
Ø 10 - 12.0 mm
RSC 30/16
RKC 30/16
Ø 12 - 14.0 mm
RSC 40/9
RKC 40/9
4
Ø 6.0 - 8.0 mm
RSC 40/11
RKC 40/11
Ø 8.0 - 10.0 mm
RSC 40/13.5
RKC 40/13.5
Ø 10 - 12.0 mm
RSC 40/16
RKC 40/16
Ø 12 - 14.0 mm
RSC 50/9
RKC 50/9
5
Ø 6.0 - 8.0 mm
RSC 50/11
RKC 50/11
Ø 8.0 - 10.0 mm
RSC 50/13.5
RKC 50/13.5
Ø 10.0 - 12.0 mm
RSC 50/16
RKC 50/16
Ø 12.0 - 14.0 mm


Similar Part No. - RKC40-16

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC4AD KOA-RKC4AD Datasheet
151Kb / 4P
   thick film SIP resistors
RKC4BD KOA-RKC4BD Datasheet
151Kb / 4P
   thick film SIP resistors
RKC4CD KOA-RKC4CD Datasheet
151Kb / 4P
   thick film SIP resistors
RKC4DD KOA-RKC4DD Datasheet
151Kb / 4P
   thick film SIP resistors
RKC4ED KOA-RKC4ED Datasheet
151Kb / 4P
   thick film SIP resistors
More results

Similar Description - RKC40-16

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
   Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
   Mini 7/8 Female 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
   Mini 7/8" Female 3 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
   Mini 7/8 Male 4 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
   Mini 7/8" Male 3 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
   Mini 7/8" Female 4 Pin Field Attachable
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
   Mini 7/8" Female 5 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
   Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
   Mini 7/8" Male 5 Pin Field Attachable
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
   Mini 7/8" Male Internal Threads 4 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com