Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2748 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AN2748
Description  Genesi Pegasos II Kernel and NFS Facility
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN2748 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AN2748 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 3Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 4Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 5Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Freescale Semiconductor
Application Note
© Freescale Semiconductor, Inc., 2004. All rights reserved.
This is the eighth application note in a series that describes the
Genesi Pegasos II system and its various associated applications.
This document describes how to build a network file system
(NFS), download kernels to a Sandpoint or ADS board target, and
use NFS on Genesi as a root file system for a target.
1
Introduction
Using NFS gives great flexibility to the developer for controlling,
debugging, and analyzing the target system from the host. This
application note describes how to build an NFS for a Linux target
on a Linux host system, how to download kernels from a host to a
target, and how to start the target using the host NFS system.
2
Terminology
The following terms are used in this document.
Linux OS
Linux Operating System
Debian
One of the distributions of Linux
Yellow Dog
One of the distributions of Linux
NFS
Network file system, a complete root file
system for Linux, that is self-contained on a
host file system. Used to boot diskless Linux
systems remotely.
AN2748
Rev. 0, 08/2004
Contents
1. Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3. General Theory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4. Setting up an NFS Root File System on a Host . . . . . 8
5. Downloading a Kernel from a Host . . . . . . . . . . . . . 12
6. Connecting the NFS Root File System to a Target . . 13
7. References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
8. Document Revision History . . . . . . . . . . . . . . . . . . . 37
Genesi Pegasos II
Kernel and NFS Facility
by
Maurie Ommerman and Jacob Pan
CPD Applications
Freescale Semiconductor, Inc.


Similar Part No. - AN2748

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
   ST7538Q power line FSK transceiver
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
   250 W HID metal halide electronic ballast
More results

Similar Description - AN2748

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH578 WCH-CH578 Datasheet
1Mb / 98P
   ARM kernel
CH579 WCH-CH579 Datasheet
1Mb / 99P
   ARM kernel
logo
Nuvoton Technology Corp...
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
logo
Anaren Microwave
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
logo
Advantech Co., Ltd.
RSB-4210EVALUATIONKIT ADVANTECH-RSB-4210EVALUATIONKIT Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
ROM-1210EVALUATIONKIT ADVANTECH-ROM-1210EVALUATIONKIT_14 Datasheet
1Mb / 2P
   Freescale i.MX53 COM with Linux Kernel 2.6
logo
Tyco Electronics
CDSUW-C MACOM-CDSUW-C Datasheet
210Kb / 2P
   Corcom Facility EMI Filters Product Guide
Date: 11.2009
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210_12 Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
logo
Chicago Miniature Lamp,...
1927X35X CML-1927X35X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel Lamp Test Facility
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com