Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC10-S-DC-277 Datasheet(PDF) 4 Page - Recom International Power

Part # RAC10-S-DC-277
Description  10 Watt Single / Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-S-DC-277 Datasheet(HTML) 4 Page - Recom International Power

  RAC10-S-DC-277 Datasheet HTML 1Page - Recom International Power RAC10-S-DC-277 Datasheet HTML 2Page - Recom International Power RAC10-S-DC-277 Datasheet HTML 3Page - Recom International Power RAC10-S-DC-277 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
27.4
23.5
52.5
51.5
45.75
26.7
10.16
6.0
2
1
10.16
10.16
13.7
3
4
10.16
2.54
2.54
1.2ø+0.2/-0.1
10.16
10.16
5
Æ1.0mm
Bottom View
Recommended Footprint Details
Top View
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections-
Pin #
Single Out
1
VAC in (N)
2
VAC in (L)
3
-VDC out
4
COM
5
+VDC out
RAC10-xxDC/277
POWERLINE
AC/DC-Converter
RAC10-xxS_DC
/277 Series
Standard Package Style and Pinning
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-42
www.recom-power.com
REV: 3/2017


Similar Part No. - RAC10-S-DC-277

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
More results

Similar Description - RAC10-S-DC-277

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com