Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC35-G-OF Datasheet(PDF) 1 Page - Recom International Power

Part # RAC35-G-OF
Description  35 Watt 4 x 2 Open Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC35-G-OF Datasheet(HTML) 1 Page - Recom International Power

  RAC35-G-OF Datasheet HTML 1Page - Recom International Power RAC35-G-OF Datasheet HTML 2Page - Recom International Power RAC35-G-OF Datasheet HTML 3Page - Recom International Power RAC35-G-OF Datasheet HTML 4Page - Recom International Power RAC35-G-OF Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Output Power
36W
Input Voltage Range
90VAC
230VAC
264VAC
Input Current
115VAC
230VAC
1A
0.6A
Inrush Current
cold start, 115VAC
cold start, 230VAC
23A
45A
No Load Power Consumption
230VAC
0.5W
Input Frequency Range
47Hz
63Hz
Output Voltage Trimming
5Vout
12Vout
24Vout
48Vout
4.75VDC
11.4VDC
22.8VDC
45.6VDC
5VDC
12VDC
24VDC
48VDC
5.5VDC
13.2VDC
26.4VDC
52.8VDC
Minimum Load
0%
Power Factor
115VAC
230VAC
0.6
0.5
Start-up Time
115VAC
230VAC
2s
1s
Rise Time
115VAC
230VAC
10ms
8ms
Hold-up Time
115VAC
230VAC
10ms
20ms
Internal Operating Frequency
65kHz
100kHz
Ripple and Noise (2)
20Mhz BW
200mVp-p
continued on next page
PA-1
REV.: 1/2017
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
Description
The RAC35-xxG/OF series are low cost, 4”x2” AC/DC power supplies with universal input
(90-264VAC) and fully protected and isolated DC outputs in the range of 5V up to 48V. The converters
are offered in open frame (/OF) version. The outputs are trimmable to compensate for cable losses and
are short circuit and overload protected. The converters work over a wide temperature range of -25°C
to +65°C (with derating), are UL60950, EN60950 and CE certified and comply with Class B EMC limits.
The RAC35-G series come with a three year warranty.
Features
Regulated
Converters
• Universal Input 90-264VAC
• Efficiency Up To 86%
• Short Circuit And Over Voltage/Current Protected
• UL/EN60950 Certified, CE Marked
• Conformal Coated Product
• RECOM Connector Set Available
35 Watt
4“ x 2“
Open Frame
RAC35-G/OF
Selection Guide
Part
Input
Output
max. Output
typ.
Number
Voltage Range
Voltage
Current
Efficiency (1)
[VAC]
[VDC]
[mA]
[%]
RAC35-05SG/OF
90-264
5
6000
78
RAC35-12SG/OF
90-264
12
3000
81
RAC35-24SG/OF
90-264
24
1500
83
RAC35-48SG/OF
90-264
48
750
86
Notes:
Note2: Measured with a 0.1µF & 10µF parallel capacitor.
Notes:
Note1: Typ. efficiency is tested @ 230VAC and full load.
UL60950 Certified
CAN/CSA C22.2 N.60950-1-07 Certified
EN60950-1 Certified
EN55022/55024 compliant
E196683


Similar Part No. - RAC35-G-OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
More results

Similar Description - RAC35-G-OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC45-G-OF RECOM-RAC45-G-OF Datasheet
550Kb / 5P
   45 Watt 4 x 2 Open Frame
RACM90-K RECOM-RACM90-K Datasheet
2Mb / 9P
   90 Watt 2” x 4” Open Frame & Enclosed Single Output
REV.: 0/2022
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
logo
Phihong USA Inc.
PSA065-120M PHIHONG-PSA065-120M Datasheet
79Kb / 2P
   65 Watt Open-Frame Power Supply PSA065M Single Output 2 x 4 Medical Series
logo
Astrodyne Corporation
ASL150 ASTRODYNE-ASL150_16 Datasheet
490Kb / 4P
   150W 2??x 4??Open Frame Switching Power Supplies
ASL150 ASTRODYNE-ASL150 Datasheet
485Kb / 4P
   150W 2??x 4??Open Frame Switching Power Supplies
logo
Recom International Pow...
RACM60-K RECOM-RACM60-K Datasheet
1Mb / 11P
   60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
logo
Total Power Internation...
TPS70 TOTAL-POWER-TPS70 Datasheet
129Kb / 4P
   TPS70 OPEN FRAME 70 WATT
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
   150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
   150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com