Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C105K4RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C105K4RACTU
Description  Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C105K4RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C105K4RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 5da1166a-277a-49d9-9ce4-e79d62d1dabf
KEMET Part Number: C0603C105K4RACTU
(C0603C105K4RAC7867)
Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.10mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Dielectric Withstanding
Voltage: 40 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 10%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 500 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C105K4RACTU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C0603C105K4RACTU AD-C0603C105K4RACTU Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
More results

Similar Description - C0603C105K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C105K8RACTU KEMET-C0603C105K8RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 10 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C823K4RACTU KEMET-C0603C823K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.082 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C563K4RACTU KEMET-C0603C563K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.056 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C183K4RACTU KEMET-C0603C183K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.018 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K4RACTU KEMET-C0603C104K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C334K4RACTU KEMET-C0603C334K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C474K4RACTU KEMET-C0603C474K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C224K4RACTU KEMET-C0603C224K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.22 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C393K4RACTU KEMET-C0603C393K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.039 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C123K4RACTU KEMET-C0603C123K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.012 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com