Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C109C1GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C109C1GACTU
Description  Ceramic, Commercial-(CxxxxC), 1 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C109C1GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C109C1GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 6144bbfb-fa99-4458-a47a-41e323039cd9
KEMET Part Number: C0603C109C1GACTU
(C0603C109C1GAC7867)
Ceramic, Commercial-(CxxxxC), 1 pF, +/-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 1 pF
Capacitance Tolerance: +/-0.25 pF
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C109C1GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C109C1GAC KEMET-C0603C109C1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C109C1GACAUTO KEMET-C0603C109C1GACAUTO Datasheet
62Kb / 1P
   SMD Auto C0G, Ceramic, 1 pF, /-0.25 pF, 100 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
More results

Similar Description - C0603C109C1GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C479C1GACTU KEMET-C0603C479C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C339C1GACTU KEMET-C0603C339C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3.3 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C159C1GACTU KEMET-C0603C159C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1.5 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C689C1GACTU KEMET-C0603C689C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6.8 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C229C1GACTU KEMET-C0603C229C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 pF, /-0.25 pF, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C109C5GACTU KEMET-C0603C109C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C279C5GACTU KEMET-C0603C279C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.7 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C479C5GACTU KEMET-C0603C479C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C689C5GACTU KEMET-C0603C689C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6.8 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C339C5GACTU KEMET-C0603C339C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3.3 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com