Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9500D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9500D
Description  8-bit I2C and SMBus I/O port with 2-kbit EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9500D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9500D Datasheet HTML 7Page - NXP Semiconductors PCA9500D Datasheet HTML 8Page - NXP Semiconductors PCA9500D Datasheet HTML 9Page - NXP Semiconductors PCA9500D Datasheet HTML 10Page - NXP Semiconductors PCA9500D Datasheet HTML 11Page - NXP Semiconductors PCA9500D Datasheet HTML 12Page - NXP Semiconductors PCA9500D Datasheet HTML 13Page - NXP Semiconductors PCA9500D Datasheet HTML 14Page - NXP Semiconductors PCA9500D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9500
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
11
TYPICAL APPLICATION
Applications
Board version tracking and configuration
Board health monitoring and status reporting
Multi-card systems in Telecom, Networking, and Base Station
Infrastructure Equipment
Field recall and troubleshooting functions for installed boards
General-purpose integrated I/O with memory
Drop in replacement for PCF8574 with integrated 2-kbit EEPROM
Bus master sees GPIO and EEPROM as two separate devices
Three hardware address pins allow up to 8 PCA9500s to be
located in the same I2C/SMBus
CONTROL
EEPROM
GPIO
I2C
I2C
I2C
I2C
ASIC
CPU
OR
µC
I2C
MONITORING
AND
CONTROL
INPUTS
ALARM
LEDs
PCA9500
CARD ID, SUBROUTINES, CONFIGURATION DATA, OR REVISION HISTORY
SW02003
UP TO 8 CARDS
CONFIGURATION CONTROL
I2C
Figure 18. Typical application
A central processor/controller typically located on the system main
board can use the 400 kHz I2C/SMBus to poll the PCA9500 devices
located on the system cards for status or version control type of
information. The PCA9500 may be programmed at manufacturing to
store information regarding board build, firmware version,
manufacturer identification, configuration option data
… Alternately,
these devices can be used as convenient interface for board
configuration, thereby utilizing the I2C/SMBus as an intra-system
communication bus.


Similar Part No. - PCA9500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9500D PHILIPS-PCA9500D Datasheet
169Kb / 23P
   8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9500D NXP-PCA9500D Datasheet
167Kb / 26P
   8-bit I2C-bus and SMBus I/O port with 2-kbit EEPROM
Rev. 04-15 April 2009
More results

Similar Description - PCA9500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9500 PHILIPS-PCA9500 Datasheet
169Kb / 23P
   8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
PCA9500 NXP-PCA9500 Datasheet
167Kb / 26P
   8-bit I2C-bus and SMBus I/O port with 2-kbit EEPROM
Rev. 04-15 April 2009
PCA9501 PHILIPS-PCA9501 Datasheet
146Kb / 22P
   8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
2003 Sep 12
PCA9501 NXP-PCA9501 Datasheet
178Kb / 28P
   8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
Rev. 04-10 February 2009
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com