Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9532D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9532D
Description  16-bit I2C LED dimmer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9532D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9532D Datasheet HTML 3Page - NXP Semiconductors PCA9532D Datasheet HTML 4Page - NXP Semiconductors PCA9532D Datasheet HTML 5Page - NXP Semiconductors PCA9532D Datasheet HTML 6Page - NXP Semiconductors PCA9532D Datasheet HTML 7Page - NXP Semiconductors PCA9532D Datasheet HTML 8Page - NXP Semiconductors PCA9532D Datasheet HTML 9Page - NXP Semiconductors PCA9532D Datasheet HTML 10Page - NXP Semiconductors PCA9532D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PCA9532_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 March 2009
7 of 29
NXP Semiconductors
PCA9532
16-bit I2C-bus LED dimmer
6.3.3 PCS0 - Frequency Prescaler 0
PSC0 is used to program the period of the PWM output.
The period of BLINK0 = (PSC0 + 1) / 152.
6.3.4 PWM0 - Pulse Width Modulation 0
The PWM0 register determines the duty cycle of BLINK0. The outputs are LOW (LED on)
when the count is less than the value in PWM0 and HIGH (LED off) when it is greater. If
PWM0 is programmed with 00h, then the PWM0 output is always HIGH (LED off).
The duty cycle of BLINK0 = PWM0 / 256.
6.3.5 PCS1 - Frequency Prescaler 1
PSC1 is used to program the period of the PWM output.
The period of BLINK1 = (PSC1 + 1) / 152.
6.3.6 PWM1 - Pulse Width Modulation 1
The PWM1 register determines the duty cycle of BLINK1. The outputs are LOW (LED on)
when the count is less than the value in PWM1 and HIGH (LED off) when it is greater. If
PWM1 is programmed with 00h, then the PWM1 output is always HIGH (LED off).
The duty cycle of BLINK1 = PWM1 / 256.
Table 6.
PSC0 - Frequency Prescaler 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC0[7]
PSC0[6]
PSC0[5]
PSC0[4]
PSC0[3]
PSC0[2]
PSC0[1]
PSC0[0]
Default
00000000
Table 7.
PWM0 - Pulse Width Modulation 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM0
[7]
PWM0
[6]
PWM0
[5]
PWM0
[4]
PWM0
[3]
PWM0
[2]
PWM0
[1]
PWM0
[0]
Default
10000000
Table 8.
PSC1 - Frequency Prescaler 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC1[7]
PSC1[6]
PSC1[5]
PSC1[4]
PSC1[3]
PSC1[2]
PSC1[1]
PSC1[0]
Default
00000000
Table 9.
PWM1 - Pulse Width Modulation 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM1
[7]
PWM1
[6]
PWM1
[5]
PWM1
[4]
PWM1
[3]
PWM1
[2]
PWM1
[1]
PWM1
[0]
Default
10000000


Similar Part No. - PCA9532D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9532D NXP-PCA9532D Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
More results

Similar Description - PCA9532D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
NXP Semiconductors
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com