Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1510GVF Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI1510GVF
Description  PC CARD CONTROLLERS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510GVF Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI1510GVF Datasheet HTML 7Page - Texas Instruments PCI1510GVF Datasheet HTML 8Page - Texas Instruments PCI1510GVF Datasheet HTML 9Page - Texas Instruments PCI1510GVF Datasheet HTML 10Page - Texas Instruments PCI1510GVF Datasheet HTML 11Page - Texas Instruments PCI1510GVF Datasheet HTML 12Page - Texas Instruments PCI1510GVF Datasheet HTML 13Page - Texas Instruments PCI1510GVF Datasheet HTML 14Page - Texas Instruments PCI1510GVF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
1−1
1 Introduction
1.1
Description
The Texas Instruments PCI1510 device, a 144-terminal or a 209-terminal single-slot CardBus controller designed
to meet the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges, is an ultralow-power
high-performance PCI-to-CardBus controller that supports a single PC card socket compliant with the PC Card
Standard (rev. 7.2). The controller provides features that make it the best choice for bridging between PCI and PC
Cards in both notebook and desktop computers. The PC Card Standard retains the 16-bit PC Card specification
defined in the PCI Local Bus Specification and defines the 32-bit PC Card, CardBus, capable of full 32-bit data
transfers at 33 MHz. The controller supports both 16-bit and CardBus PC Cards, powered at 5 V or 3.3 V, as required.
The controller is compliant with the PCI Local Bus Specification, and its PCI interface can act as either a PCI master
device or a PCI slave device. The PCI bus mastering is initiated during CardBus PC Card bridging transactions. The
controller is also compliant with PCI Bus Power Management Interface Specification (rev. 1.1).
All card signals are internally buffered to allow hot insertion and removal without external buffering. The controller
is register-compatible with the Intel 82365SL-DF and 82365SL ExCA controllers. The controller internal data path
logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for maximum performance.
Independent buffering and a pipeline architecture provide an unsurpassed performance level with sustained bursting.
The controller can also be programmed to accept fast posted writes to improve system-bus utilization.
Multiple system-interrupt signaling options are provided, including parallel PCI, parallel ISA, serialized ISA, and
serialized PCI. Furthermore, general-purpose inputs and outputs are provided for the board designer to implement
sideband functions. Many other features designed into the PCI1510 controller, such as a socket activity light-emitting
diode (LED) outputs, are discussed in detail throughout this document.
An advanced complementary metal-oxide semiconductor (CMOS) process achieves low system power consumption
while operating at PCI clock rates up to 33 MHz. Several low-power modes enable the host power management
system to further reduce power consumption.
1.2
Features
The controller supports the following features:
A 144-terminal low-profile QFP (PGE), 144-terminal MicroStar BGA
 ball-grid array (GGU/ZGU) package,
or a 209-terminal PBGA (GVF/ZVF) package
2.5-V core logic and 3.3-V I/O with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling
environments
Integrated low-dropout voltage regulator (LDO-VR) eliminates the need for an external 2.5-V power supply
Mix-and-match 5-V/3.3-V 16-bit PC Cards and 3.3-V CardBus Cards
A single PC Card or CardBus slot with hot insertion and removal
Parallel interface to TI TPS2211A single-slot PC Card power switch
Burst transfers to maximize data throughput with CardBus Cards
Interrupt configurations: parallel PCI, serialized PCI, parallel ISA, and serialized ISA
Serial EEPROM interface for loading subsystem ID, subsystem vendor ID, and other configuration registers
Pipelined architecture for greater than 130-Mbps throughput from CardBus-to-PCI and from PCI-to-
CardBus


Similar Part No. - PCI1510GVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1510R TI1-PCI1510R Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
PCI1510RZVF TI1-PCI1510RZVF Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
More results

Similar Description - PCI1510GVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1450 TI-PCI1450 Datasheet
1Mb / 132P
[Old version datasheet]   PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
[Old version datasheet]   PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
[Old version datasheet]   PC Card Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com