Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF-HDD-ADP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CF-HDD-ADP
Description  Socket 370 SBC with Gigabit LAN, USB2.0, VGA/LCD and Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CF-HDD-ADP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CF-HDD-ADP Datasheet HTML 1Page - List of Unclassifed Manufacturers CF-HDD-ADP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web-enabled”Automation Solutions
Biscuit Single Board Computers
Note: All specifications are subject to change without notice.
Board Diagram
PCM-9577
Packing List
• 1 PCM-9577 SBC
• 1 Mini Jumper pack [conts.: 10pcs]
(p/n: 9689000002)
• 1 CPU heatsink with FAN
(p/n: 1759200880)
• Start up manual
• Utility CD
• EBX 7P-4P power cable
(p/n: 1703080101)
Ordering Information
Standard
PCM-9577F-00A1
Socket 370 SBC W/ 100 BASED LAN, VGA/LCD, LVDS, USB 1.1
PCM-9577FG-00A1
Same as PCM-9577F-00A1, but with Gigabit Ethernet and USB2.0
Optional
PCM-10586-5A00
Wiring kit for PCM-9575/PCM-9677F
PCM-10586-5G00
Wiring kit for PCM-9577FG (Gigabit LAN)
1703100260
USB cable for PCM-9570/9572F/9574/9576F/ 9550F/9575
CF-HDD-ADP
CompactFlash™ 50-pin to IDE 44-pin adapter
1703070101
ATX power control cable
1703050306
TV-out cable


Similar Part No. - CF-HDD-ADP

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CF-0310A-3 JMK-CF-0310A-3 Datasheet
32Kb / 1P
   2,125,782 Hrs @ 30C GB
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
   PTH SMPS Current Transformer Up to 15A
logo
IRC - a TT electronics ...
CF-1/2102GBLK IRCTT-CF-1/2102GBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102JBLK IRCTT-CF-1/2102JBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102KBLK IRCTT-CF-1/2102KBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
More results

Similar Description - CF-HDD-ADP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6870 ADVANTECH-PCI-6870 Datasheet
369Kb / 2P
   Socket 370 PCI Half-sized SBC, VGA/LAN/CFC II
PCA-6003 ADVANTECH-PCA-6003 Datasheet
192Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor (Tualatin) Card with VGA/FE LAN/LCD
logo
BOSER Technology Co., L...
HS-6238 BOSER-HS-6238 Datasheet
89Kb / 1P
   Socket 370 processor PCI-ISA Bus SBC with CF, CRT/Digital Panel, Dual LAN, Audio
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
   3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCA-6178-C ADVANTECH-PCA-6178-C Datasheet
325Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor Card with VGA/FE LAN
logo
List of Unclassifed Man...
PCM-5825 ETC-PCM-5825 Datasheet
184Kb / 2P
   NS Geode SBC with CPU, 4 COMs, Audio, VGA/LCD and Ethernet
logo
Advantech Co., Ltd.
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
logo
Axiomtek Co., Ltd.
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
   Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
logo
List of Unclassifed Man...
HS-1000 ETC-HS-1000 Datasheet
112Kb / 1P
   SOCKET 370 133 MHZ FSB INDUSTRIAL ATX MOTHERBOARD WITH VGA AUDIO
logo
Axiomtek Co., Ltd.
PICO843VGA-J1900 AXIOMTEK-PICO843VGA-J1900 Datasheet
305Kb / 2P
   Pico-ITX SBC with Intel짰 Celeron짰 Processor J1900/N2807, LVDS/VGA, LAN and Audio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com