Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF-HDD-ADP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CF-HDD-ADP
Description  Socket 370 SBC with Gigabit LAN, USB2.0, VGA/LCD and Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CF-HDD-ADP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CF-HDD-ADP Datasheet HTML 1Page - List of Unclassifed Manufacturers CF-HDD-ADP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/ecg/
PCM-9577
Socket 370 SBC with Gigabit LAN, USB2.0, VGA/LCD and Audio
System
CPU
Socket 370 for Intel® Celeron™/Pentium® III/512K (Tualatin) up to 1.26GHz
System Memory
SDRAM PC133 168pin DIMM x 1, Max. 512 MB
2nd Cache Memory
128KB/256KB/512KB on the processor
System Chipset
VIA PN133T (VT8606, VT82C686B), 133MHz FSB
BIOS
AWARD 256 KB Flash BIOS
SSD
CompactFlash™ card Type I/II
Watchdog Timer
1 - 62 sec, 62 level timer intervals, system reset or IRQ11
Expansion Interface
PC/104 and PCI slot
Battery
Lithium 3 V/196 mAH
Display
Chipset
VIA Twister chip with Integrated S3 Savage4 2D/3D/
Video Accelerator
Memory Size
8/16/ 32 MB frame buffer using system memory
Resolution
CRT Mode:1280 x 1024@16 bpp (60 Hz),
1024 x 768@16 bpp (85 Hz)
LCD/Simultaneous Mode: 1280 x1024@16bpp (60 Hz),
1024 x 768@16 bpp (60 Hz)
LCD Interface
4X AGP VGA/LCD interface, Support for 9, 12, 18, 24,
36,48-bit
TFT and 16 or 24-bit DSTN panels up to SXGA resolution.
LVDS
2-Channel ( 2 x 18-bit) LVDS interface
TV-out (option)
Supports both NTSC/PAL, S-video and Composite Video
I/O
MIO
2 x EIDE (Ultra DMA100), 1 x FDD, 1 x K/B, 1 x Mouse,
1 x RS-232/422/485, 3 x RS-232, 1 x LPT
IrDA
115 Kbps, IrDA 1.1 compliant
Audio
VIA 82C686 support AC’97 2.0 compliant, Mic in, Line in,
CD Audio in, Line out, Speaker out
USB
4 USB 1.1 host port (PCM-9577F)
4 USB 2.0 host ports, support embedded USB Type I Flash memory, shared
with USB port 3 and port4(PCM-9577FG)
Features
• Socket 370 supports up to Pentium® III/512K 1.26GHz
• Supports Gigabit Ethernet (PCM-9577FG)
• Supports Embedded USB, 4 USB 2.0 ports
(PCM-9577FG)
• 133MHz FSB and 4X AGP graphics for high
performance application
• Supports 24/36 bit TFT/DSTN LCD and 2-channel
LVDS interface
• Optional TV-out and Mini PCI for WLAN applications
Ethernet
Chipset
Intel® 82551ER [Intel® 82551QM optional] (PCM-9577F)
Intel® 82540EM (PCM-9577FG)
Interface
IEEE 802.3u 100BASE-T Fast Ethernet compatible (PCM-9577F)
EEE 802.3z/ab 1000 BASE-T Gigabit Ethernet compatible (PCM-9577FG)
Built-in boot ROM in Flash BIOS
Mechanical and Environmental
Dimensions (L x W)
203 X 146mm (8" x 5.75")
Power supply Voltage
+5V
±5%, +12V ±5%
Max. : 10A @ +5V, 1.02A @ +12V
(within 5ms after power on)
Typical: 5.6A @ +5V, 0.17A @ +12V
(with 256 MB DRAM, Intel®)
Operating temperature
0 ~ 60
° C (32~140° F)
Operating Humidity
0% ~ 90% Relative Humidity, non condensing
Weight
0.85 kg (weight of total package)
DIMM up to
512 MBl
Socket 370
up to
PIII 1.26GHz
optional MiniPCI
(solder side)
CF (solder side)
LVDS
LCD display
EBX power
connector
1st EIDE
UDMA/100
LPT
4 COM ports
Audio
USB 1, 2
USB 3, 4
Ethernet
GPIO
FDD
PC/104
KB/mouse
SIR
backlight
TV out
option
CRT display
2nd EIDE


Similar Part No. - CF-HDD-ADP

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CF-0310A-3 JMK-CF-0310A-3 Datasheet
32Kb / 1P
   2,125,782 Hrs @ 30C GB
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
   PTH SMPS Current Transformer Up to 15A
logo
IRC - a TT electronics ...
CF-1/2102GBLK IRCTT-CF-1/2102GBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102JBLK IRCTT-CF-1/2102JBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102KBLK IRCTT-CF-1/2102KBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
More results

Similar Description - CF-HDD-ADP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6870 ADVANTECH-PCI-6870 Datasheet
369Kb / 2P
   Socket 370 PCI Half-sized SBC, VGA/LAN/CFC II
PCA-6003 ADVANTECH-PCA-6003 Datasheet
192Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor (Tualatin) Card with VGA/FE LAN/LCD
logo
BOSER Technology Co., L...
HS-6238 BOSER-HS-6238 Datasheet
89Kb / 1P
   Socket 370 processor PCI-ISA Bus SBC with CF, CRT/Digital Panel, Dual LAN, Audio
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
   3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCA-6178-C ADVANTECH-PCA-6178-C Datasheet
325Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor Card with VGA/FE LAN
logo
List of Unclassifed Man...
PCM-5825 ETC-PCM-5825 Datasheet
184Kb / 2P
   NS Geode SBC with CPU, 4 COMs, Audio, VGA/LCD and Ethernet
logo
Advantech Co., Ltd.
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
logo
Axiomtek Co., Ltd.
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
   Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
logo
List of Unclassifed Man...
HS-1000 ETC-HS-1000 Datasheet
112Kb / 1P
   SOCKET 370 133 MHZ FSB INDUSTRIAL ATX MOTHERBOARD WITH VGA AUDIO
logo
Axiomtek Co., Ltd.
PICO843VGA-J1900 AXIOMTEK-PICO843VGA-J1900 Datasheet
305Kb / 2P
   Pico-ITX SBC with Intel짰 Celeron짰 Processor J1900/N2807, LVDS/VGA, LAN and Audio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com