Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150-10NB Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SD150-10NB
Description  Single Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD150-10NB Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SD150-10NB Datasheet HTML 1Page - Sirectifier Semiconductors SD150-10NB Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sirec
R
Single Diode Modules
Symbol
Test Conditions
SD150-01NB thru SD150-16NB
A
K
O
O
Single Diode Modules
(Baseplate) Non-Isolated
Maximum Ratings
Unit
TVJ=45
oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
2500
2800
2250
2350
A
IFSM
TVJ=45
oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
45000
56000
37000
44000
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+1
25
oC
Weight
160
Md
Mounting torque(M6 Baseplate)
2.5...5.0
Nm
g
IF(AV)M
TC=100
oC; 180o sine
150
A
Symbol
Test Conditions
Characteristic Values
Unit
rT
TVJ=TVJM
7.16
RthJC
DC current
0.3
K/W
m
IR
TVJ=TVJM; VR=VRRM
<
10
mA
VF
IF =450A; TVJ=25
oC
< 1.20
V
VTO
For power-loss calculations only
0.84
V
_
_
typical
Md
Mounting torque(M8 Terminal)
8.8...11
Nm
SD150-01NB
SD150-02NB
SD150-04NB
SD150-08NB
SD150-10NB
SD150-12NB
SD150-16NB
VRSM
V
200
300
500
900
1100
1300
1700
VRRM
V
100
200
400
800
1000
1200
1600
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SD150-10NB

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD150 ASTRODYNE-SD150 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD1500 ETC1-SD1500 Datasheet
107Kb / 3P
   N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETS SWITCHES
logo
COTEK ELECTRONIC IND. C...
SD1500 COTEK-SD1500 Datasheet
303Kb / 3P
   1500W Pure Sine Wave
20/05/25
SD1500-112 COTEK-SD1500-112 Datasheet
303Kb / 3P
   1500W Pure Sine Wave
20/05/25
SD1500-124 COTEK-SD1500-124 Datasheet
303Kb / 3P
   1500W Pure Sine Wave
20/05/25
More results

Similar Description - SD150-10NB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
35MB05A NJSEMI-35MB05A Datasheet
102Kb / 1P
   Power Modules Single Phase Diode Bridges
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com