Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL22CV10AZS-25 Datasheet(PDF) 6 Page - Anachip Corp

Part # PEEL22CV10AZS-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10AZS-25 Datasheet(HTML) 6 Page - Anachip Corp

Back Button PEEL22CV10AZS-25 Datasheet HTML 2Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 3Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 4Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 5Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 6Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 7Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 8Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 9Page - Anachip Corp PEEL22CV10AZS-25 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
6/10
Zero Power Feature
The CMOS PEEL™22CV10AZ features “Zero-Power” standby
operation for ultra-low power consumption. With the “Zero-
Power” feature, transition-detection circuitry monitors the inputs,
I/Os (including CLK) and feedbacks. If these signals do not
change for a period of time greater than approximately two tPDs,
the outputs are latched in their current state and the device auto-
matically powers down. When the next signal transition is
detected, the device will “wake up” for active operation until the
signals stop switching long enough to trigger the next power-
down.
As a result of the “Zero-Power” feature, significant power sav-
ings can be realized for combinatorial or sequential operations
when the inputs or clock change at a modest rate (see Figure 23).
Figure 23 Typical ICC vs. Input Clock Frequency
for the 22CV10AZ.
22CV10AZ Frequency vs. ICC
Design Security
The PEEL™22CV10AZ provides a special EEPROM security bit
that prevents unauthorized reading or copying of designs pro-
grammed into the device. The security bit is set by the PLD pro-
grammer, either at the conclusion of the programming cycle or as a
separate step, after the device has been programmed. Once the
security bit is set it is impossible to verify (read) or program the
PEEL™ until the entire device has first been erased with the
bulk-erase function.
Signature Word
The signature word feature allows a 64-bit code to be pro-
grammed
into
the
PEEL™22CV10AZ
if
the
PEEL™22CV10AZ+ software option is used. The code can be
read back even after the security bit has been set. The signature
word can be used to identify the pattern programmed into the
device or to record the design revision, etc.
Programming Support
Anachip’s JEDEC file translator allows easy conversion of exist-
ing 24 pin PLD designs to the PEEL™22CV10AZ, without the
100
10
1
0.1
need for redesign. Anachip supports a broad range of popular
third party design entry systems, including the Abel-to-PEEL
Arrays fitter software. Anachip also offers (for free) its propri-
etary WinPLACE software, an easy-to-use entry level PC-based
software development system.
Programming support includes all the popular third party pro-
grammers such as BP Microsystems, System General, Logical
Devices, and numerous others.
0.01
0.001
0.001
0.01
0.1
1
10
Frequency in MHz


Similar Part No. - PEEL22CV10AZS-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL22CV10AZS-25 ETC2-PEEL22CV10AZS-25 Datasheet
375Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10AZS-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com