Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE3420-16-2 Datasheet(PDF) 8 Page - DDK Ltd.

Part # CE3420-16-2
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE3420-16-2 Datasheet(HTML) 8 Page - DDK Ltd.

Back Button CE3420-16-2 Datasheet HTML 2Page - DDK Ltd. CE3420-16-2 Datasheet HTML 3Page - DDK Ltd. CE3420-16-2 Datasheet HTML 4Page - DDK Ltd. CE3420-16-2 Datasheet HTML 5Page - DDK Ltd. CE3420-16-2 Datasheet HTML 6Page - DDK Ltd. CE3420-16-2 Datasheet HTML 7Page - DDK Ltd. CE3420-16-2 Datasheet HTML 8Page - DDK Ltd. CE3420-16-2 Datasheet HTML 9Page - DDK Ltd. CE3420-16-2 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
8
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○Waterproof Rubber Bushing
AN3420- □□
Part Number
φA
φB
φC
D±0.7
E
AN3420-10
14.3
15.6
23.7
60.3
2.3
AN3420-12
15.9
18.8
28.2
57.2
2.3
AN3420-16
19.1
23.6
35.0
54.0
2.9
① Cable Clamp Size
10, 12 and 16
○Rubber Bushing
D
E
A
① Cable Clamp Size
10, 12 and 16
② Bushing Size
Refer to Table 1.
Purchase a friction washer separately.
CE3420- □□ - □
D
Part Number
φA
φB
φC
D
Friction Washer
CE3420-10-1
14.1
15.5
22.2
38.5
MS3057-10W
CE3420-10-2
11.0
15.5
22.2
38.5
CE3420-10-3
8.7
15.5
22.2
38.5
CE3420-12-1
16.0
18.6
26.9
39.3
MS3057-12W
CE3420-12-2
13.0
18.6
26.9
39.3
CE3420-12-3
10.0
18.6
26.9
39.3
CE3420-16-1
19.1
23.4
33.2
40.0
MS3057-16W
CE3420-16-2
15.5
23.4
33.2
40.0
Synthetic Rubber(Black)
MATERIAL
Synthetic Rubber(Black)
MATERIAL
Table 1
CE3420- □□ - □ is a rubber bushing which is inserted
into the cable clamp, CE3057- □□ -A- □ ,to constrict
the cable to meet the waterproof reguirement.


Similar Part No. - CE3420-16-2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE3420-16-2 DDK-CE3420-16-2 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3420-16-2 DDK-CE3420-16-2 Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3420-16-2 DDK-CE3420-16-2 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE3420-16-2 DDK-CE3420-16-2 Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3420-16-2 DDK-CE3420-16-2 Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE3420-16-2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01 DDK-CE01 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com