Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1510134204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1510134204
Description  2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510134204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1510134204 Datasheet HTML 1Page - Molex Electronics Ltd. 1510134204 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1510134204
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits,
0.05µm Gold (Au) Plating, 3.00mm Tail Length, Tube Packaging, Lead-Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-151013-0001-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
151013
Application
Panel-to-Board, Signal, Wire-to-Board
Electrical Model
No
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™ BMI
UPC
889056561846
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Matte Tin
Material - Resin
Liquid Crystal Polymer
Net Weight
0.696/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.00mm
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Plating min - Mating
0.051µm
Plating min - Termination
1.270µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
151013 Series
Mates With
Milli-Grid™ Wire-to-Board Receptacle
Housing 51110 , Milli-Grid™ Panel-to-Board
Receptacle Housing 151014


Similar Part No. - 1510134204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510134206 MOLEX1-1510134206 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 6 Circuits
1510134208 MOLEX1-1510134208 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 8 Circuits
More results

Similar Description - 1510134204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510133304 MOLEX1-1510133304 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133004 MOLEX1-1510133004 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133104 MOLEX1-1510133104 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133204 MOLEX1-1510133204 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133404 MOLEX1-1510133404 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133504 MOLEX1-1510133504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510134104 MOLEX1-1510134104 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510132404 MOLEX1-1510132404 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510132504 MOLEX1-1510132504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510134504 MOLEX1-1510134504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com