Electronic Components Datasheet Search |
|
C4C-EA06030A10000 Datasheet(PDF) 3 Page - SICK AG |
|
C4C-EA06030A10000 Datasheet(HTML) 3 Page - SICK AG |
3 / 8 page C4C-SA06030A10000, C4C-EA06030A10000 | deTec4 Core SAFETY LIGHT CURTAINS Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1) 1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft. Electrical data Protection class III (EN 50178) Supply voltage VS 24 V DC (19.2 V DC ... 28.8 V DC) Ripple ≤ 2.4 Vpp 1) Power consumption typical 1.82 W / 0.91 W (depending on type) Safety outputs (OSSD) Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 2) Switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS) Switching voltage LOW ≤ 2 V DC Switching current ≤ 300 mA 1) Within the limits of VS. 2) Applies to the voltage range between –30 V and +30 V. Mechanical data Housing cross-section (incl. system connec- tion) 34 mm x 30.7 mm Housing material Aluminum extruded profile Weight 580 g / 570 g (depending on type) Ambient data Enclosure rating IP65 (EN 60529) IP67 (EN 60529) Ambient operating temperature –30 °C ... +55 °C Storage temperature –30 °C ... +70 °C Air humidity 15 % ... 95 %, Non-condensing Vibration resistance 5 g, 10 Hz ... 55 Hz (EN 60068-2-6) Shock resistance 10 g, 16 ms (EN 60068-2-29) Other information Wave length 850 nm Classifications ECl@ss 5.0 27272704 ECl@ss 5.1.4 27272704 ECl@ss 6.0 27272704 ECl@ss 6.2 27272704 ECl@ss 7.0 27272704 ECl@ss 8.0 27272704 ECl@ss 8.1 27272704 ECl@ss 9.0 27272704 ETIM 5.0 EC002549 ETIM 6.0 EC002549 2017-08-21 16:38:06 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 3 |
Similar Part No. - C4C-EA06030A10000 |
|
Similar Description - C4C-EA06030A10000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |