Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1211516 Datasheet(PDF) 3 Page - SICK AG

Part # 1211516
Description  SAFETY LIGHT CURTAINS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1211516 Datasheet(HTML) 3 Page - SICK AG

  1211516 Datasheet HTML 1Page - SICK AG 1211516 Datasheet HTML 2Page - SICK AG 1211516 Datasheet HTML 3Page - SICK AG 1211516 Datasheet HTML 4Page - SICK AG 1211516 Datasheet HTML 5Page - SICK AG 1211516 Datasheet HTML 6Page - SICK AG 1211516 Datasheet HTML 7Page - SICK AG 1211516 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C4C-SA09030A10000, C4C-EA09030A10000 | deTec4 Core
SAFETY LIGHT CURTAINS
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
Electrical data
Protection class
III (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC)
Ripple
≤ 2.4 Vpp 1)
Power consumption typical
2.02 W / 1.01 W (depending on type)
Safety outputs (OSSD)
Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 2)
Switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS)
Switching voltage LOW ≤ 2 V DC
Switching current ≤ 300 mA
1) Within the limits of VS.
2) Applies to the voltage range between –30 V and +30 V.
Mechanical data
Housing cross-section (incl. system connec-
tion)
34 mm x 30.7 mm
Housing material
Aluminum extruded profile
Weight
850 g / 840 g (depending on type)
Ambient data
Enclosure rating
IP65 (EN 60529)
IP67 (EN 60529)
Ambient operating temperature
–30 °C ... +55 °C
Storage temperature
–30 °C ... +70 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (EN 60068-2-6)
Shock resistance
10 g, 16 ms (EN 60068-2-29)
Other information
Wave length
850 nm
Classifications
ECl@ss 5.0
27272704
ECl@ss 5.1.4
27272704
ECl@ss 6.0
27272704
ECl@ss 6.2
27272704
ECl@ss 7.0
27272704
ECl@ss 8.0
27272704
ECl@ss 8.1
27272704
ECl@ss 9.0
27272704
ETIM 5.0
EC002549
ETIM 6.0
EC002549
2017-08-21 16:38:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 1211516

ManufacturerPart #DatasheetDescription
logo
SICK AG
1211510 SICK-1211510 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211511 SICK-1211511 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211512 SICK-1211512 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211513 SICK-1211513 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211514 SICK-1211514 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
More results

Similar Description - 1211516

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com