Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C32X384A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C32X384A
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C32X384A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C32X384A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32X384A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32X384A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32X384A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C32X384A Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI5C32X384/PI5C32X384C
20-Bit, 2-Port Bus Switch
5
PS7027F
09/09/04
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Ordering Code
Package Code
Package Description
PI5C32X384B
B
48-pin 150-mil wide plastic BQSOP
PI5C32X384BE
B
Pb-free & Green, 48-pin 150-mil wide plastic BQSOP
PI5C32X384A
A
48-pin 240-mil wide plastic TSSOP
PI5C32X384AE
A
Pb-free & Green, 48-pin 240-mil wide plastic TSSOP
PI5C32X384CA
A
48-pin 240-mil wide plastic TSSOP
PI5C32X384CAE
A
Pb-free & Green, 48-pin 240-mil wide plastic TSSOP
PI5C32X384CB
B
48-pin 150-mil wide plastic BQSOP
PI5C32X384CBE
B
Pb-free & Green, 48-pin 150-mil wide plastic BQSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Package Mechanical: 48-pin BQSOP (B)
.014
.0157 BSC
0.40
0.356
.008 0.20
.002
.009
0.05
0.25
.079
2.0
.010 0.25
Gauge Plane
.150
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.80
4.00
.228
.244
5.80
6.20
.020
.029
0.50
0.75
.063 1.60
.015 0.381
.386
.394
9.80
10.00
.0051
.009
0.13
0.23
1
48
x 45˚
BSC
Nom
Max
Nom
REF


Similar Part No. - PI5C32X384A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384A PERICOM-PI5C32X384A Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C32X384A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com