Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4716 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ4716
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ4716 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ4716 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4716 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMSZ4XXX
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Power Dissipation
PD
500
mW
Typical Thermal Resistance Junction
to Ambient
RθJA
340
/W
Typical Thermal Resistance Junction
to Lead
RθJL
150
/W
Junction and Storage Temperature
Range
Tj,Tstg
-55~150
mA
Device
Device
Marking
Zoner Voltage
Leakage Current
Vz(Volts)
@IzT
IR@VR
Min
Nom
Max
uA
uA
Volts
MMSZ4678
HCC
1.71
1.8
1.89
50
7.5
1
MMSZ4679
HCD
1.90
2.0
2.10
50
5
1
MMSZ4680
HCE
2.09
2.2
2.31
50
4
1
MMSZ4681
HCF
2.28
2.4
2.52
50
2
1
MMSZ4682
HCH
2.565
2.7
2.835
50
1
1
MMSZ4683
HCJ
2.85
3.0
3.15
50
0.8
1
MMSZ4684
HCK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685
HCM
3.42
3.6
3.78
50
7.5
2
MMSZ4686
HCN
3.70
3.9
4.10
50
5
2
MMSZ4687
HCP
4.09
4.3
4.52
50
4
2
MMSZ4688
HCT
4.47
4.7
4.94
50
10
3
MMSZ4689
HCU
4.85
5.1
5.36
50
10
3
MMSZ4690
HCV
5.32
5.6
5.88
50
10
4
MMSZ4691
HCA
5.89
6.2
6.51
50
10
5
MMSZ4692
HCX
6.46
6.8
7.14
50
10
5.1
MMSZ4693
HCY
7.13
7.5
7.88
50
10
5.7
MMSZ4694
HCZ
7.79
8.2
8.61
50
1
6.2
MMSZ4695
HDC
8.27
8.7
9.14
50
1
6.6
MMSZ4696
HDD
8.65
9.1
9.56
50
1
6.9
MMSZ4697
HDE
9.50
10
10.5
50
1
7.6
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMSZ4716

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4716 GE-MMSZ4716 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Bruckewell Technology L...
MMSZ4716 BWTECH-MMSZ4716 Datasheet
564Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4716 EIC-MMSZ4716 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4716 MCC-MMSZ4716 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4716 TAITRON-MMSZ4716 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4716

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com