Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5255BS Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5255BS
Description  Zener Diode in a SOD-323 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5255BS Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5255BS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5255BS Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMSZ52XXBS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 7
SOD-323
塑封封装 稳压二极管。
Zener Diode in a SOD-323 Plastic Package.
1.8V-110V 宽稳压范围,耗散功率最大可达 200mW。
Wide zener reverse voltage range 1.8V-110V,Maximum PD to 200mW.
用于 200mW 的 SOD-323 表面贴装稳压电路。
Design for 200mW SOD-323 surface mount.
PIN1:Cathode
PIN2:Anode
放大及印章代码 / hFE Classifications & Marking
见电性能参数。See Electrical Characteristics.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1
2


Similar Part No. - MMSZ5255BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5255BS PANJIT-MMSZ5255BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5255BS YEASHIN-MMSZ5255BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5255BS DIODES-MMSZ5255BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5255BS LUGUANG-MMSZ5255BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5255BS DIODES-MMSZ5255BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5255BS

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C11S FOSHAN-BZT52C11S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C36S FOSHAN-BZT52C36S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5223BS FOSHAN-MMSZ5223BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5256BS FOSHAN-MMSZ5256BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com