Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE05-2A10SL-3PC-D Datasheet(PDF) 8 Page - DDK Ltd.

Part # CE05-2A10SL-3PC-D
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE05-2A10SL-3PC-D Datasheet(HTML) 8 Page - DDK Ltd.

Back Button CE05-2A10SL-3PC-D Datasheet HTML 2Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 3Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 4Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 5Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 6Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 7Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 8Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 9Page - DDK Ltd. CE05-2A10SL-3PC-D Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
8
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Waterproof Straight Backshell
P/N : CE05-18BS-S-D
① ② ③ ④ ⑤
① Shell Size
10SL, 14S, 18, 20, 22, 24 and 32
② Model
B:Backshell
③ Style
S : Straight
④ Waterproof
S : Waterproof
⑤ Finish
D:Black Trivalent Chromium Treatment
D
7.85 Min.
CE05−××BS−S−×
K-509366
CE05-18BS-S-B
品 名
シリ−ズ名
シェルサイズ
防水性 S:防水
形状 S:ストレ−ト
型式 B:バックシェル
(防水ストレ−トハ゛ックシェル)
外殻色相
B:黒色
C:ニッケル
V
E Screw
B
L
W
O Ring
(SUS/One Spot)
(Gripping Surfaces for Wrench)
(Complete Thread Length)
Shell Size
Part Number
L
A
B
C
D
E
V
W
10SL
CE05-10SLBS-S-D
20.0
18.6
6.5
6.6
17.9
M2
9/16-24UNEF-2B
5/8-24UNEF-2A
14S
CE05-14SBS-S-D
24.4
25.2
7.3
10.0
22.0
M2
3/4-20UNEF-2B
3/4-20UNEF-2A
18
CE05-18BS-S-D
31.0
32.1
10.5
16.3
26.7
M3
1-20UNEF-2B
1-20UNEF-2A
20
CE05-20BS-S-D
35.0
35.2
10.9
17.8
31.6
M3
1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
22
CE05-22BS-S-D
35.0
38.2
10.9
17.8
32.4
M4
1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
24
CE05-24BS-S-D
40.5
42.0
12.2
21.0
36.6
M4
1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
32
CE05-32BS-S-D
46.0
54.2
11.7
25.8
47.3
M4
1 7/8-16UN-2B
1 3/4-18UNS-2A
MATERIAL/FINISH
Aluminum Alloy / Black Trivalent Chromium Treatment
○Waterproof Angle Backshell
P/N : CE-18BA-S-D
① ② ③ ④ ⑤
① Shell Size
10SL, 18, 20, 22, 24 and 32
② Model
B:Backshell
③ Style
A : Angle
④ Waterproof
S : Waterproof
⑤ Finish
D:Black Trivalent Chromium Treatment
V ねじ
W ねじ
品名
図番
D
K-511755
CE-XXBA-S-D
CE-18BA-S-D
シリーズ名
シェルサイズ
型式
 B:バックシェル
形状
 A:アングル
防水性
 S:防水タイプ
外殻色相
   D:三価クロメート(黒)
L1 以下
L2 以下
Oリング
V
W
L1 Max.
L2 Max.
O Ring
±0.2
(Gripping Surfaces for Wrench)
Shell Size
Part Number
L1
L2
C
D
R
U
(S)
V
W
Y
Set Screw
10SL
CE-10SLBA-S-D
30.6
22.5
21.7
20.3
7.9
21.0
(28.9) 9/16-24UNEF-2B
5/8-24UNEF-2A
7.5
M2
18
CE-18BA-S-D
44.6
34.0
32.4
30.0
13.2
30.2
(43.4) 1-20UNEF-2B
1-20UNEF-2A
7.5
M3
20
CE-20BA-S-D
50.5
39.6
36.0
33.6
15.0
33.3
(48.3) 1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
7.5
M3
22
CE-22BA-S-D
50.5
39.6
38.6
36.2
16.3
33.3
(49.6) 1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
7.5
M4
24
CE-24BA-S-D
60.1
47.9
42.4
40.0
18.2
36.5
(54.7) 1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
7.5
M4
28
CE-28BA-S-D
60.9
47.9
49.5
46.4
21.3
36.5
(57.8) 1 5/8-18UNEF-2B
1 7/16-18UNEF-2A
7.5
M4
32
CE-32BA-S-D
69.1
55.1
55.3
52.8
24.6
44.5
(69.1) 1 7/8-16UN-2B
1 3/4-18UNEF-2A
8.5
M4
MATERIAL/FINISH
Aluminum Alloy / Black Trivalent Chromium Treatment


Similar Part No. - CE05-2A10SL-3PC-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE05-2A10SL-3PC-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com