Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE05-2A20-15SD-D Datasheet(PDF) 5 Page - DDK Ltd.

Part # CE05-2A20-15SD-D
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE05-2A20-15SD-D Datasheet(HTML) 5 Page - DDK Ltd.

  CE05-2A20-15SD-D Datasheet HTML 1Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 2Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 3Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 4Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 5Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 6Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 7Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 8Page - DDK Ltd. CE05-2A20-15SD-D Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Box Mount Receptacle Connector
Note : CE05-2A □□ - □□ S □ -D has reverse style of the contacts which are the socket contacts.
The mating half connectors should have the pin contacts.
Front Mounting
P/N : CE05-2A18-10 P DYS -D
① ② ③
④ ⑤ ⑥ ⑦ ⑧
L1
C
L2
C
CE05-2A20-15PD××-D
K-511708
D端子
14-18UNEF-2Aねじ
□K
□J
φL
H
F
E
B
C
A
Contact
Part Number
A
B -0.50
C±0.35
E±0.5
F±1
G±0.5
H
J±0.12
K±0.5 φL -0.12
CE05-2A10SL-3PC-D
5/8-24UNEF-2A
14.27
2.15
23.5
12.4
16.0
9.53
18.26
25.4
3.05
CE05-2A14S-2PD-D
7/8-20UNEF-2A
14.27
2.15
23.5
12.4
20.75
9.53
23.01
30.2
3.05
CE05-2A18-10PD-D
1 1/8-18UNEF-2A
19.05
2.75
30.5
14.2
27.0
15.88
26.97
34.9
3.05
CE05-2A18-10SD-D
18.6
CE05-2A18-12PD-D
13.3
CE05-2A20-4PD-D
1 1/4-18UNEF-2A
19.05
2.75
30.6
14.2
32.0
15.88
29.36
38.1
3.05
CE05-2A20-4SD-D
18.6
CE05-2A20-15PD-D
14.2
CE05-2A20-15SD-D
18.6
CE05-2A20-18PDE-D
14.7
CE05-2A22-22PD-D
1 3/8-18UNEF-2A
19.05
2.75
31.5
17.2
33.0
15.88
31.75
41.3
3.05
CE05-2A22-22SD-D
22.0
CE05-2A22-23PD-D
14.3
CE05-2A22-23SD-D
18.6
CE05-2A24-10PD-D
1 1/2-18UNEF-2A
20.63
2.75
33.85
15.6
36.0
15.88
34.92
44.4
3.74
CE05-2A24-10PG-D
15.6
CE05-2A24-11PGH-D
15.6
CE05-2A32-17PD-D
2-18UNS-2A
22.23
3.35
38.15
20.2
48.0
15.88
44.45
56.9
4.30
CE05-2A32-17SD-D
20.62
+0.97
+0.25
R
T 穴
C±0.13
S
  
L
B
M
K
W
D
7.93以上
12.7 以下
品名
図番
材質
処理・他
第3角法
1
K-511837(1/2)
(ボックスレセプタクルシェル)
D/MS3102A24-××××(××)
B Dia.
A1,A2
Panel
E1
E2
Screw
+0.25
-0.12
Panel Mounting Dimension
Shell Size
Front Mounting Rear Mounting
B
C
D
E1
Max.
E2
Max.
Panel
Mounting
Screw(Ref)
A1 (Min.)
A2 (Min.)
10SL
16.8
16.6
3.05
18.26
47
10
3.0
M3
14S
21.7
23.0
3.05
23.01
53
10
3.0
M3
18
28.0
29.3
3.05
26.97
59
10
3.0
M3
20
33.0
32.5
3.05
29.36
62
10
3.0
M3
22
34.0
35.7
3.05
31.75
70
10
3.0
M3
24
37.0
38.8
3.75
34.92
73
10
3.0
M3.5
32
49.3
51.5
4.40
44.45
86
10
3.0
M4
Note: Place a gasket on the rear of the flange. (Thickness: 1.6mm)
① Shell Style
2A:Box Mount Receptacle
② Shell Size
10SL, 14S, 18, 20, 22, 24 and 32
③ lnsert Arrangement
Refer to page 3
④ Contact Style
P : Pin Contact
S : Socket Contact
Ground Contact 
Refer to page 3
⑥ Alternate Insert Position
Omit : Standard
W, X, Y, Z : Refer to page 4
⑦ Gasket
Omit : Without Gasket
 S : With Gasket
⑧ Finish
D : Black Trivalent Chromium Treatment
R
T 穴
C±0.13
S
  
L
B
M
K
W
D
7.93以上
12.7 以下
品名
図番
材質
処理・他
第3角法
1
K-511837(1/2)
(ボックスレセプタクルシェル)
D/MS3102A24-××××(××)
B Dia.
A1,A2
Panel
E1
E2
Screw
+0.25
-0.12
Rear Mounting
Note: When the ground contacts are 2 pcs., two letters
which stands for the ground contact are filled in ⑤ .


Similar Part No. - CE05-2A20-15SD-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-2A20-15SD-D DDK-CE05-2A20-15SD-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE05-2A20-15SD-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com