Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16SGV10M4X6.1 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 16SGV10M4X6.1
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16SGV10M4X6.1 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  16SGV10M4X6.1 Datasheet HTML 1Page - RUBYCON CORPORATION 16SGV10M4X6.1 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SGV
SERIES
SGV
105℃ Standard
Load Life : 105℃ 2000∼5000 hours.
AEC-Q200.
High Temperature Reflow soldering is available. (JGV series)
(http://www.rubycon.co.jp/catalog/j_pdfs/aluminum/j_JGV.pdf)
RoHS
compliance
UPGRADE
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
6.3∼50Vdc
−40∼+105℃
63, 100Vdc
−25∼+105℃
160∼450Vdc
±20%(20℃,
120Hz)
Rated Voltage
(Vdc)
tanδ
φ4,φ5,φ6.3×6.1
φ6.3×8,φ8∼φ18
0.30
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
0.35 0.26 0.24 0.18 0.14 0.12
50
Rated Voltage
(Vdc)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
8
8
10
4
16
4
25
3
35
3
4
3
2
2
2
2
50
63
0.12 0.10
100
0.15
160
∼250
(20℃,120Hz)
5
63
5
2
2
100
3
160
∼250
(120Hz)
When rated capacitance is over 1000μF,
tanδshall be added 0.02 to the listed value with increase of every 1000μF.
160∼450Vdc
6.3∼100Vdc
I=0.04CV+100μA (1minute)
I=0.02CV+25μA (5minutes)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)  C=Capacitance(μF)  V=Rated Voltage(Vdc)
                
0.20
400
450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value. Rated Voltage
(Vdc)
Life Time
(hrs)
6.3∼100 2000
5000
160∼450
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
6
400
450
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
SGV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120 500
1k 10k≦
0.50 1.00 1.20 1.30 1.50
0.65
0.47∼1μF
2.2∼6.8μF
1.00 1.20 1.30 1.50
0.80
10∼68μF
1.00 1.20 1.30 1.50
0.80
100∼1000μF
1.00 1.10 1.15 1.20
0.80
2200∼6800μF
1.00 1.05 1.10 1.15
◆DIMENSIONS
(mm)
φD
4
5
6.3
6.3
8
8
10
12.5
12.5
16
16
18
18
L
6.1
6.1
6.1
8
6.5
10.5
10.5
13.5
16
16.5
21.5
16.5
21.5
A1
4.3
5.3
6.6
6.6
8.3
8.3
10.3
13
13
17
17
19
19
B1
4.3
5.3
6.6
6.6
8.3
8.3
10.3
13
13
17
17
19
19
C
1.8
2.2
2.7
2.7
3.4
2.9
3.2
4.9
4.9
6
6
7
7
W1
0.5∼0.8
0.5∼0.8
0.5∼0.8
0.5∼0.8
0.5∼0.8
0.8∼1.1
0.8∼1.1
0.8∼1.1
0.8∼1.1
1.0∼1.6
1.0∼1.6
1.0∼1.6
1.0∼1.6
P
K
α
1.0
1.3
1.8
1.8
2.2
3.1
4.5
4.5
4.5
6.8
6.8
6.8
6.8
0.5 MAX
0.5 MAX
0.5 MAX
0.5 MAX
0.5 MAX
0.5 MAX
0.5 MAX
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0
0
0
0
0
※1
※1
0.5
0.5
0.5
0.5
0.5
0.5
※2 Voltage code
※1:α dimensions
Rated Voltage
(Vdc)
Rated Voltage code
6.3 10 16 25 35 50 63 100
0J 1A 1C 1E 1V 1H 1J
160
2C
2A
200 250 400 450
2D 2E 2G 2W
Rated Voltage
α
6.3∼100
160∼400
0
0.2
◆MARKING
〈φ4∼φ10〉
Series
Lot No.
Capacitance
Rated voltage
(6.3V:Marking 6V)
(100V:Marking 100)
Negative
DAA
47
16V
〈φ12.5∼φ18〉
Lot No.
Capacitance
Series
※2
Rated voltage code
Negative
AA
1000
1C SG
L +αMAX
0.3MAX
A1±0.2
W1
K


Similar Part No. - 16SGV10M4X6.1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16SGV10M4X61 RUBYCON-16SGV10M4X61 Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16SGV10M4X6.1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50TZV22M6.3X6.1 RUBYCON-50TZV22M6.3X6.1 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
10TZV220M6.3X8 RUBYCON-10TZV220M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50SEV2.2M4X5.5 RUBYCON-50SEV2.2M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com