Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TWL4.7MEFC5X11 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 25TWL4.7MEFC5X11
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25TWL4.7MEFC5X11 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  25TWL4.7MEFC5X11 Datasheet HTML 1Page - RUBYCON CORPORATION 25TWL4.7MEFC5X11 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWL
SERIES
TWL
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
6.3∼50Vdc
±20%
(20℃,
120Hz)
I=0.002CV or 0.4μA whichever is greater. (After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.24
6.3
0.20
10
0.16
16
0.14
25
0.12
35
0.10
50
Rated Voltage
(Vdc)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
8
6.3
6
10
6
16
4
25
4
35
3
50
432222
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 85℃,
the capacitors shall meet the following requirements.
Low Leakage Current
(20℃,
120Hz)
(20℃,
120Hz)
〈L=7〉
〈L≧11〉
(120Hz)
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
Case Size
Life Time
(hrs)
L=7
1000
L≧11
2000
◆PART NUMBER
□□□
Rated Voltage
TWL
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆OPTION
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.80 1.00 1.20 1.30 1.50
0.80
10∼47μF
0.50 1.00 1.20 1.30 1.50
0.47∼1μF
0.65 1.00 1.20 1.30 1.50
2.2∼4.7μF
100∼1000μF
1.00 1.10 1.15 1.20
0.80
2200μF
1.00 1.05 1.10 1.15
RoHS
compliance
PET Sleeve
Code
EFC
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - 25TWL4.7MEFC5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TWL470M10X20 RUBYCON-25TWL470M10X20 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25TWL47M4X7 RUBYCON-25TWL47M4X7 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25TWL47M5X11 RUBYCON-25TWL47M5X11 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25TWL47M63X11 RUBYCON-25TWL47M63X11 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25TWL47M8X7 RUBYCON-25TWL47M8X7 Datasheet
48Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25TWL4.7MEFC5X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com