Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2409-1HW Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2409-1HW
Description  Zero-Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409-1HW Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2409-1HW Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409-1HW Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8613A
07/15/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2409
Zero Delay Clock Buffer
2
L
E
S1
L
E
S]
4
-
1
[
A
T
U
O]
4
-
1
[
B
T
U
O
e
c
r
u
o
S
t
u
p
t
u
O
)
0
T
U
O
(
L
L
P
00
e
t
a
t
S
-
3e
t
a
t
S
-
3L
L
PN
O
01
L
L
Pe
t
a
t
S
-
3L
L
PN
O
10
N
I
K
L
CN
I
K
L
CN
I
K
L
CF
F
O
11
L
L
PL
L
PL
L
PN
O
Input Select Decoding
n
i
Pl
a
n
g
i
Sn
o
i
t
p
i
r
c
s
e
D
1N
I
K
L
C
)
n
w
o
d
-l
l
u
p
k
a
e
w
(
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
k
c
o
l
c
t
u
p
n
I
5
1
,
4
1
,
3
,
2]
4
-
1
[
A
T
U
OA
k
n
a
B
,
s
t
u
p
t
u
o
k
c
o
l
C
3
1
,
4V D
D
y
l
p
p
u
s
V
3
.
3
2
1
,
5D
N
Gd
n
u
o
r
G
1
1
,
0
1
,
7
,
6]
4
-
1
[
B
T
U
OB
k
n
a
B
,
s
t
u
p
t
u
o
k
c
o
l
C
82
L
E
S)
p
u
-l
l
u
p
k
a
e
w
(
2
ti
b
,t
u
p
n
i
t
c
e
l
e
S
91
L
E
S)
p
u
-l
l
u
p
k
a
e
w
(
1
ti
b
,t
u
p
n
i
t
c
e
l
e
S
6
10
T
U
Ok
c
a
b
d
e
e
f
L
L
P
l
a
n
r
e
t
n
i
,
t
u
p
t
u
O
k
c
o
l
C
PinDescription


Similar Part No. - PI6C2409-1HW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409-1HWE PERICOM-PI6C2409-1HWE Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HWEX PERICOM-PI6C2409-1HWEX Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HWIE PERICOM-PI6C2409-1HWIE Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HWIEX PERICOM-PI6C2409-1HWIEX Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2409-1HW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com