Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300A Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7C7300A
Description  3-PORT PCI-to-PCI BRIDGE
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300A Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7C7300A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 11 OF 109
09/25/03 Revision 1.09
1
INTRODUCTION
PRODUCT DESCRIPTION
The PI7C7300A is Pericom Semiconductor’s second-generation PCI-PCI Bridge. It is
designed to be fully compliant with the 32-bit, 66MHz implementation of the PCI Local
Bus Specification, Revision 2.2. The PI7C7300A supports only synchronous bus
transactions between devices on the Primary Bus running at 33MHz to 66MHz and the
Secondary Buses operating at either 33MHz or 66MHz. The Primary and Secondary
Buses can also operate in concurrent mode, resulting in added increase in system
performance. Concurrent bus operation off-loads and isolates unnecessary traffic from
the Primary Bus; thereby enabling a master and a target device on the same Secondary
PCI Bus to communicate even while the Primary Bus is busy. In addition, the Secondary
Buses have load balancing capability, allowing faster devices to be isolated away from
slower devices. Among the other features supported by the PI7C7300A are: support for
up to 15 devices on the Secondary Buses, Compact PCI Hot Swap (PICMG 2.1, R1.0)
Friendly Support and Dual Addressing Cycle.
PRODUCT FEATURES
32-bit Primary and Two Secondary Ports run up to 66MHz
All 3 ports compliant with the PCI Local Bus Specification, Revision 2.2
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
-
All I/O and memory commands
-
Type 1 to Type 0 configuration conversion
-
Type 1 to Type 1 configuration forwarding
-
Type 1 configuration write to special cycle conversion
Concurrent Primary to Secondary Bus operation and independent intra-Secondary
Port channel to reduce traffic on the Primary Port
Provides internal arbitration for one set of eight secondary bus masters (S1 bus) and
one set of seven (eight if Hot Swap is disable)secondary bus masters (S2 bus)
-
Programmable 2-level priority arbiter
-
Disable control for use of external arbiter
Supports posted write buffers in all directions
Three 128 byte FIFO’s for delay transactions
Three 128 byte FIFO’s for posted memory transactions
Enhanced address decoding
-
32-bit I/O address range
-
32-bit memory-mapped I/O address range
-
VGA addressing and VGA palette snooping
-
ISA-aware mode for legacy support in the first 64KB of I/O address range
Dual Addressing cycle (64-bit)
Interrupt handling
-
PCI interrupts are routed through an external interrupt concentrator
Supports system transaction ordering rules
Tri-state control of output buffers on secondary buses
Compact PCI Hot Swap (PICMG 2.1, R1.0) Friendly Support
Industrial Temperature range –40°C to 85°C
IEEE 1149.1 JTAG interface support
3.3V core; 3.3V PCI I/O interface with 5V I/O tolerance
272-pin plastic BGA package


Similar Part No. - PI7C7300A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C7300D PERICOM-PI7C7300D Datasheet
1Mb / 107P
   3-PORT PCI-to-PCI BRIDGE
PI7C7300DNA PERICOM-PI7C7300DNA Datasheet
1Mb / 107P
   3-PORT PCI-to-PCI BRIDGE
PI7C7300DNAE PERICOM-PI7C7300DNAE Datasheet
1Mb / 107P
   3-PORT PCI-to-PCI BRIDGE
More results

Similar Description - PI7C7300A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C7300D PERICOM-PI7C7300D Datasheet
1Mb / 107P
   3-PORT PCI-to-PCI BRIDGE
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
PI7C7100 PERICOM-PI7C7100 Datasheet
2Mb / 132P
   3-Port PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com