Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ18VAL Datasheet(PDF) 6 Page - Rohm

Part # MMBZ18VAL
Description  Transient Voltage suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ18VAL Datasheet(HTML) 6 Page - Rohm

Back Button MMBZ18VAL Datasheet HTML 2Page - Rohm MMBZ18VAL Datasheet HTML 3Page - Rohm MMBZ18VAL Datasheet HTML 4Page - Rohm MMBZ18VAL Datasheet HTML 5Page - Rohm MMBZ18VAL Datasheet HTML 6Page - Rohm MMBZ18VAL Datasheet HTML 7Page - Rohm MMBZ18VAL Datasheet HTML 8Page - Rohm MMBZ18VAL Datasheet HTML 9Page - Rohm MMBZ18VAL Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
●Dimension (SOT-23 SSD3)
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/6
2016/5/31_Rev.001
MMBZ12VAL
Data sheet
●Taping
VAL_I0021_0510_0227


Similar Part No. - MMBZ18VAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ18VAL DIODES-MMBZ18VAL Datasheet
71Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
Rohm
MMBZ18VAL ROHM-MMBZ18VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
ON Semiconductor
MMBZ18VAL ONSEMI-MMBZ18VAL Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Rohm
MMBZ18VAL ROHM-MMBZ18VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
NXP Semiconductors
MMBZ18VAL NXP-MMBZ18VAL Datasheet
78Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
More results

Similar Description - MMBZ18VAL

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com