Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2405A-1HL Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2405A-1HL
Description  Zero-Delay Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2405A-1HL Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C2405A-1HL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2405A-1HL Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8592D
09/22/04
PI6C2405A
Zero Delay Clock Buffer
Packaging Mechanical: 8-Pin SOIC (W)
.0040
.0098
SEATING PLANE
.013
.020
.050
BSC
.016
.0075
.0098
1
8
.0099
.0196
0-8˚
.050
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.189
.196
4.80
5.00
1.27
.016
.026
1.35
1.75
.2284
.2440
5.80
6.20
0.406
0.660
0.330
0.508
0.10
0.25
0.40
1.27
0.19
0.25
0.25
0.50
x 45˚
.053
.068
REF
Packaging Mechanical: 8-Pin TSSOP (L)


Similar Part No. - PI6C2405A-1HL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2405A-1HLE PERICOM-PI6C2405A-1HLE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A-1HLIE PERICOM-PI6C2405A-1HLIE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2405A-1HL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com