Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200BXC33MEFC10X20 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 200BXC33MEFC10X20
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

200BXC33MEFC10X20 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  200BXC33MEFC10X20 Datasheet HTML 1Page - RUBYCON CORPORATION 200BXC33MEFC10X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
BXC
SERIES
BXC
Load Life : 105℃ 8000∼12000 hours
For LED Lighting.
RoHS
compliance
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼500Vdc
±20%
(20℃,
120Hz)
Rated Voltage
(Vdc)
tanδ
0.15
160
0.15
200
0.15
250
0.20
350
0.20
400
0.20
450
0.24
500
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
※500Vdc:10000hrs
(20℃,
120Hz)
(120Hz)
Case Size
8×11.5, 10×12.5
Life Time
(hrs)
8000
10×16, 10×20
10000
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
160 200 250 350 400
33366
450
6
500
6
◆PART NUMBER
□□□
Rated Voltage
BXC
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
Capacitance Tolerance
CV≦1000
CV>1000
I=0.1CV+40μA (1minute)
I=0.03CV+15μA (5minutes)
I=0.04CV+100μA (1minute)
I=0.02CV+25μA (5minutes)
φD≧12.5
12000
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
120
1k
10k 100k≦
0.20 0.40 0.80 1.00
1∼5.6μF
6.8∼18μF
0.30 0.60 0.90 1.00
22∼82μF
0.40 0.70 0.90 1.00
100∼220μF 0.45 0.75 0.90 1.00
I=Leakage Current(μA)
C=Capacitance(μF)
  
V=Rated Voltage(Vdc)
  
◆OPTION
PET Sleeve
Code
EFC


Similar Part No. - 200BXC33MEFC10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
200BXC33M10X20 RUBYCON-200BXC33M10X20 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200BXC33MEFC10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com