Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVTC245 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI74LVTC245
Description  3.3V 8 BIT BIDIRECTIOANAL TRANCEIVER WITH 3 STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTC245 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74LVTC245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVTC245 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8691
07/01/03
PI74LVTC245
3.3V, 8-Bit Bi-Directional Tranceiver
with3-StateOutputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PericomSemiconductorCorporation
2380BeringDrive • SanJose,CA95131•1-800-435-2336 • Fax(408)435-1100• http://www.pericom.com
a
t
a
D
g
n
i
r
e
d
r
On
o
i
t
p
i
r
c
s
e
D
H
5
4
2
C
T
V
L
4
7
I
P
P
O
S
S
c
it
s
a
l
p
e
d
i
w
li
m
-
9
0
2
,
n
i
p
-
0
2
L
5
4
2
C
T
V
L
4
7
I
P
P
O
S
S
T
c
it
s
a
l
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
0
2
S
5
4
2
C
T
V
L
4
7
I
P
C
I
O
S
c
it
s
a
l
p
e
d
i
w
li
m
-
0
0
3
,
n
i
p
-
0
2
OrderingInformation
Packaging Mechanical: 20-pin SOIC (S)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF
Notes:
1. Thermal characteristics can be found on the company web site at http://www.pericom.com/packaging/mechanicals.php


Similar Part No. - PI74LVTC245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244A PERICOM-PI74LVTC16244A Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244E PERICOM-PI74LVTC16244E Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244V PERICOM-PI74LVTC16244V Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244VE PERICOM-PI74LVTC16244VE Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PI74LVTC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT245T TI1-CY54FCT245T_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT245T TI-CY54FCT245T Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
[Old version datasheet]   8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
CY74FCT2374T CONEXANT-CY74FCT2374T Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com