Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34210IPWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34210IPWRQ1
Description  Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34210IPWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ34210IPWRQ1 Datasheet HTML 5Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 6Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 7Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 8Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 9Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 10Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 11Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 12Page - Texas Instruments BQ34210IPWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
bq34210-Q1
www.ti.com
SLUSCG1 – AUGUST 2017
Product Folder Links: bq34210-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The integrated End-of-Service (EOS) Determination function is specifically intended for applications where the
battery is rarely discharged, such as in eCall systems, uninterruptible power supplies (UPS), enterprise server
backup systems, and telecommunications backup modules. In such systems, the battery may remain in a fully (or
near-fully) charged state for much of its lifetime, with it rarely or never undergoing a significant discharge. If the
health of the battery in such a system is not monitored regularly, then it may degrade beyond the level required
for a system backup/discharge event, and thus fail precisely at the time when it is needed most.
The EOS Determination function monitors the health of the battery through the use of infrequent learning phases,
which involve a controlled discharge of ~1% capacity, and provides an alert to the system when the battery is
approaching the end of its usable service. By coordinating battery charging with the learning phases, the battery
capacity available to the system can be maintained above a preselected level, which helps to avoid
compromising the battery's ability to support a system discharge event.
NOTE
The following sections offer a brief overview of the content available in the bq34210-Q1
Technical Reference Manual (TRM, SLUUBE8), and should be used only as references to
the respective sections in the TRM for full details.
7.3.1 Device Configuration
The device must select the correct CEDV profile, interrupt functions (enables, levels), and more during its initial
configuration setup. The bq34210-Q1 includes two CEDV profiles (XYZ and ABC), which are stored in ROM. If
neither of these profiles matches the battery used, a new configuration must be stored in RAM using Texas
Instruments tools (see Getting Started for more details). Changing batteries also requires a new initialization of
the configuration settings. This enables the device to be reconfigured for different battery chemistries or
capacities through the host. If another battery is chosen, the parameters must be generated using TI's web-
based tool, Gauge Parameter Calculator for CEDV Gauges (GAUGEPARCAL). The TRM provides further
details.
7.3.2 ALERT Interrupt and SHUTDOWN Wake-up
The interrupt function of the ALERT pin enables the bq34210-Q1 to communicate with the main system.
Even if the host is not using the ALERT functionality, it is recommended that ALERT be connected to a GPIO of
the host so that in cases where the device is in SHUTDOWN, toggling ALERT can wake up the gauge from the
SHUTDOWN state.
7.3.3 Voltage Measurement and Calibration
Voltage measurements and calibration are done automatically. The Battery Management Studio bqStudio tool
aids in setting up this function to match system requirements.
7.3.4 Temperature Measurement
The device can be configured to use an external thermistor (103AT type) to measure temperature or use its
internal temperature sensor.
7.3.5 Charging and Termination
The bq34210-Q1 monitors charging and detects termination. The termination works for Li-Ion, LiFePO4, and
NiMH systems.
7.3.6 Accumulated Charge Measurement
The device measures the accumulated charge and reports the duration over which that charge was accumulated.
The AccumulatedCharge() and AccumulatedChargeTime() registers can be used to send an alert to the host
when a certain threshold is achieved.


Similar Part No. - BQ34210IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34110PW TI1-BQ34110PW Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34110PWR TI1-BQ34110PWR Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
More results

Similar Description - BQ34210IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com