Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3220MODASF12MONR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASF12MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASF12MONR Datasheet(HTML) 5 Page - Texas Instruments

  CC3220MODASF12MONR Datasheet HTML 1Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 2Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 3Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 4Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 5Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 6Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 7Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 8Page - Texas Instruments CC3220MODASF12MONR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
CC3x20
WRF
F
BGN
RF_ANT1
User GPIOs
32-Mbit
SFlash
External SPI
Programming
40 MHz
32.768 kHz
UART
SPI
nReset
PM
2.3 V to 3.6 V
VBAT
Copyright © 2017, Texas Instruments Incorporated
5
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Module Overview
Copyright © 2017, Texas Instruments Incorporated
Figure 1-2 shows the functional block diagram of the CC3220MODAx module.
Figure 1-2. CC3220MODAx Functional Block Diagram


Similar Part No. - CC3220MODASF12MONR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR TI1-CC3220MODSF12MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR/T TI1-CC3220MODSF12MOBR/T Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MODSM2MOBR TI1-CC3220MODSM2MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
More results

Similar Description - CC3220MODASF12MONR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
[Old version datasheet]   SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com