Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1580 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1580
Description  Integrated Circuit IF Amp & Detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1580 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1580 Datasheet HTML 1Page - NTE Electronics NTE1580 Datasheet HTML 2Page - NTE Electronics NTE1580 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1580
Integrated Circuit
IF Amp & Detector
Description:
The NTE1580 is an IF amplifier in a 14–Lead DIP type package with a symmetrical FM demodulator
and an AF amplifier with adjustable output voltage. The AF amplifier is also provided with an output
for volume control and an input for VCR operation.
The input and output of the NTE1580 are especially designed for LC–circuits, but the input can also
be used with a ceramic filter.
Absolute Maximum Ratings:
Maximum Supply voltage (Pin11, Note 1), Vp = V11–1
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Adjustment Voltage (Pin5), V5–1
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Total Power Dissipation, Ptot
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bypass Resistance, R13–14
1k
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
–15
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Supply voltage operating range is 10V to 18V
Electrical Characteristics: (VP = 12V, TA = +25°C, f = 5.5MHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF Voltage Gain
GV IF6–14
68
dB
Input Voltage Starting Limiting
Vi
∆f = ±50kHz, fm = 1kHz
30
60
µV
IF Output Voltage at Limiting
(Peak–to–Peak)
VO IF(p–p)
250
mV
AM Suppression
α
∆f = ±50kHz, Vi = 500µV,
fm = 1kHz, m = 30%
50
60
dB
IF Residual Voltage Without De–Emphasis
Pin12
VIF12
30
mV
Pin8
VIF8
20
mV
AF Voltage Gain
GV AF8–3
7.5
AF Adjustment
∆VO(AF)
R4–5 = 5kΩ, R5–1 = 13kΩ
20
28
36
dB
AF Output Voltage Control Range
∆VO(AF)
70
85
dB
Adjustment Resistor
R4–5
Note 2
1 to 10
k
DC Voltage Portion at the AF Outputs
Pin12
V12–1
5.6
V
Pin8
V8–1
4.0
V
Note 2. Pin5 must be connected to Pin4, when volume control adjustment is not applicable.


Similar Part No. - NTE1580

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE158 NTE-NTE158 Datasheet
19Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier
NTE1581 NTE-NTE1581 Datasheet
82Kb / 2P
   Integrated Circuit CMOS, Frequency Divider/Counter for VCR
NTE1589 NTE-NTE1589 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Luminance Chroma System
More results

Similar Description - NTE1580

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1161 NTE-NTE1161 Datasheet
25Kb / 3P
   Integrated Circuit TV Video/Sound IF Amp, Detector
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound IF Amp/Detector, Driver
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
NTE1292 NTE-NTE1292 Datasheet
25Kb / 3P
   Integrated Circuit IF Amplifier and Detector
NTE1187 NTE-NTE1187 Datasheet
20Kb / 2P
   Integrated Circuit TV Video IF Detector
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
NTE744 NTE-NTE744 Datasheet
23Kb / 3P
   Integrated Circuit RF/IF Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com