Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 2 Page - Texas Instruments

  DAC38RF82_17 Datasheet HTML 1Page - Texas Instruments DAC38RF82_17 Datasheet HTML 2Page - Texas Instruments DAC38RF82_17 Datasheet HTML 3Page - Texas Instruments DAC38RF82_17 Datasheet HTML 4Page - Texas Instruments DAC38RF82_17 Datasheet HTML 5Page - Texas Instruments DAC38RF82_17 Datasheet HTML 6Page - Texas Instruments DAC38RF82_17 Datasheet HTML 7Page - Texas Instruments DAC38RF82_17 Datasheet HTML 8Page - Texas Instruments DAC38RF82_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
2
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 8
7.5
Electrical Characteristics - DC Specifications ........... 8
7.6
Electrical Characteristics - Digital Specifications .... 10
7.7
Electrical Characteristics - AC Specifications ......... 13
7.8
PLL/VCO Electrical Characteristics ........................ 15
7.9
Timing Requirements .............................................. 17
7.10
Typical Characteristics .......................................... 18
8
Detailed Description ............................................ 23
8.1
Overview ................................................................. 23
8.2
Functional Block Diagrams ..................................... 23
8.3
Feature Description................................................. 25
8.4
Device Functional Modes........................................ 60
8.5
Register Maps ........................................................ 64
9
Application and Implementation ...................... 126
9.1
Application Information.......................................... 126
9.2
Typical Application ............................................... 127
10
Power Supply Recommendations ................... 131
10.1
Power Supply Sequencing .................................. 132
11
Layout................................................................. 132
11.1
Layout Guidelines ............................................... 132
11.2
Layout Example .................................................. 134
12
Device and Documentation Support ............... 135
12.1
Related Links ...................................................... 135
12.2
Receiving Notification of Documentation
Updates.................................................................. 135
12.3
Community Resources........................................ 135
12.4
Trademarks ......................................................... 135
12.5
Electrostatic Discharge Caution .......................... 135
12.6
Glossary .............................................................. 135
13
Mechanical, Packaging, and Orderable
Information ......................................................... 135
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2017) to Revision B
Page
Deleted Changed Feature From: Interpolation: 1,2,4,24x To: Interpolation: 1,2,24x ............................................................. 1
Changed the ALARM pin From: alarm_out_pol To: alm_out_pol in the Pin Functions table................................................. 5
Changed the Description of pins A3, A4, A7, A6, A9, A10, A12, E12, F11, F7, G6, H5, H7, J6, J11 in the Pin
Functions table ....................................................................................................................................................................... 5
Changed description of TXENABLE pin in the PIN Functions table ...................................................................................... 6
Changed the MAX value of VEE18N rail From: 0.5 V To 0.3 V in the Absolute Maximum Ratings table ............................. 7
Added "Supply Voltage Range" to the Recommended Operating Conditions table .............................................................. 7
Changed DNL typical value From: ±0.5 to ±3 LSB in Electrical Characteristics - DC Specifications table ........................... 8
Changed INL typical value From: ±1 To: ±4 LSB in Electrical Characteristics - DC Specifications table.............................. 8
Added "Reference voltage drift" to the Electrical Characteristics - DC Specifications table .................................................. 8
Changed Power Dissipation Test Condition From: MODE 5: dual channel, 8-bit input mode, 2x Interpolation To:
MODE 5: dual channel, 8-bit input mode, 1x Interpolation in the Electrical Characteristics - DC Specifications .................. 9
Changed the ILOAD values to negative for CMOS interface parameter, low-level output voltage, in the Electrical
Characteristics - Digital Specifications table......................................................................................................................... 10
Added 0 dBFS to the condition statement for the Electrical Characteristics - AC Specifications table ............................... 13
Added MIN and TYP value to maximum DAC sample rate for DAC38RF89 only in the Electrical Characteristics - AC
Specifications table............................................................................................................................................................... 13
Added NSD values for DAC38RF82 with on-chip PLL enabled to Electrical Characteristics - AC Specifications table...... 15
Changed the Isolation values in the TEST CONDITIONS, TYP value From: 74 dBc To: 82 dBc and 56 dBc To 73
dBc in the Electrical Characteristics - AC Specifications table............................................................................................. 15
Added Figure 16 ................................................................................................................................................................... 19
Changed the MPY values in Table 4.................................................................................................................................... 27
Added MPY value for 16.5x in the Table 4........................................................................................................................... 27
Changed input rate max and fdac max for 6x interpolation mode in Table 9 ..................................................................... 30


Similar Part No. - DAC38RF82_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82IAAV TI1-DAC38RF82IAAV Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAVR TI1-DAC38RF82IAAVR Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Similar Description - DAC38RF82_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
[Old version datasheet]   ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com