Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF89 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF89
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF89 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC38RF89 Datasheet HTML 2Page - Texas Instruments DAC38RF89 Datasheet HTML 3Page - Texas Instruments DAC38RF89 Datasheet HTML 4Page - Texas Instruments DAC38RF89 Datasheet HTML 5Page - Texas Instruments DAC38RF89 Datasheet HTML 6Page - Texas Instruments DAC38RF89 Datasheet HTML 7Page - Texas Instruments DAC38RF89 Datasheet HTML 8Page - Texas Instruments DAC38RF89 Datasheet HTML 9Page - Texas Instruments DAC38RF89 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
6
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SYSREF+
A3
I
LVPECL SYSREF positive input, internal 100 Ω differential termination, self biased. This
positive/negative pair is captured with the rising edge of DACCLKP/N. It is used for multiple DAC
synchronization.
SYSREF-
A4
I
LVPECL SYSREF negative input, self biased, internal 100 Ω differential termination. (See the SYSREF+
description)
TCLK
K4
I
JTAG test clock. Internal pull-down
TDI
H4
I
JTAG test data in. Internal pull-up
TDO
J4
O
JTAG test data out. Internal pull-up
TESTMODE
K3
-
This pin is used for factory testing.
Recommended to connect to ground for normal operation.
TMS
K5
I
JTAG test mode select. Internal pull-up
TRST
J5
I
JTAG test reset. Internal pull-up. Must be connected to ground if not used
TXENABLE
K6
I
Transmit enable active high input. Internal pull-down.
This pin is ORed with spi_txenable bit in JESD_FIFO register to enable analog output data transmission.
To enable analog output data transmission, pull CMOS TXENABLE pin to high.
To disable analog output, pull CMOS TXENABLE pin to low. The DAC output is forced to midscale.
VDDA1
F11, J11
I
Analog 1 V supply voltage. Must be separated from VDDDIG1 supply for best performance.
VDDA18
G11, H11
I
Analog 1.8 V supply voltage. (1.8 V)
VDDPLL1
D8, E8
I
Analog 1 V supply for PLL.
VDDAPLL18
B9, B10
I
PLL analog supply voltage. (1.8 V)
VDDAVCO18
D9, E9
I
Analog supply voltage for VCO (1.8 V)
VDDCLK1
G9, H9
I
Internal clock buffer supply voltage (1 V).
It is recommended to isolate this supply from VDDDIG1 and VDDA1.
VDDL1_1
G8, H8
I
DAC core supply voltage. (1 V)
VDDL2_1
G10, H10
I
DAC core supply voltage. (1 V)
VDDDIG1
A5, B5, C5, D5, D7, E3,
E4, E5, E6, F4, F5, G4,
G5
I
Digital supply voltage. (1 V).
It is recommended to isolate this supply from VDDCLK1 and VDDA1.
VDDE1
F7, H7, G6, J6
I
Digital Encoder supply voltage (1 V).
Must be separated from VDDDIG1 supply
VDDIO18
H5
I
Supply voltage for all digital I/O and CMOS I/O. (1.8 V)
VDDOUT18
G12, H12
I
DAC output supply. (1.8 V)
VDDR18
H2, J2
I
Supply voltage for SerDes. (1.8 V)
VDDS18
B3, B4
I
Supply voltage for LVDS SYNC0+/- and SYNC1+/- (1.8 V)
VDDT1
H3, J3
I
Supply voltage for SerDes termination. (1 V)
VDDTX1
B6
I
Supply voltage for divided clock output. (1 V)
VDDTX18
B7
I
Supply voltage for divided clock output . (1.8 V)
VEE18N
D10, E10, K10, L10
I
Analog supply voltage. (-1.8 V)
VOUT1+
L12
O
DAC channel 1 output.
VOUT1-
K12
O
DAC channel 1 complementary output.
VOUT2+
D12
O
DAC channel 2 output.
VOUT2-
E12
O
DAC channel 2 complementary output.
VSENSE
D4
O
Test pin for on chip parametrics. Can be left floating.
VSSCLK
A8, A11, B8, B11, B12,
F8, F9, F10, J8, J9, J10
-
Clock ground.


Similar Part No. - DAC38RF89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF89 TI1-DAC38RF89 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF89IAAV TI1-DAC38RF89IAAV Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF89IAAVR TI1-DAC38RF89IAAVR Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Similar Description - DAC38RF89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
[Old version datasheet]   ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com