Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF93IAAV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF93IAAV
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF93IAAV Datasheet(HTML) 5 Page - Texas Instruments

  DAC38RF93IAAV Datasheet HTML 1Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 2Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 3Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF93IAAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 155 page
background image
5
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Changes from Original (December 2016) to Revision A
Page
Changed Feature: Spectral Performance (on-chip PLL, DIFF) .............................................................................................. 1
Changed text From: 1.23 GSPS complex per channel To: 1.25 GSPS complex per channel in the Description ................. 1
Changed the Pin Configuration image .................................................................................................................................. 7
Changed the Pin Functions table ........................................................................................................................................... 8
Changed the Description of SYSREF+ From: "LVPECL SYSREF positive input." To: "LVPECL SYSREF positive
input, self biased." in the Pin Functions - DAC38RF83, DAC38RF93, DAC38RF85 table .................................................... 9
Changed the Pin Configuration image ................................................................................................................................ 10
Changed the Pin Functions table ......................................................................................................................................... 11
Added "Transformer (TCM2-452X-2+) loss not de-embedded 2.1 GHz output frequency" to the Full scale output
power Test Conditions in Electrical Characteristics - DC Specifications.............................................................................. 14
Changed Reference output current From: 100 mA To: 100 nA in the Electrical Characteristics - DC Specifications ......... 14
Changed the POWER SUPPLY CURRENT AND CONSUMPTION section of the Electrical Characteristics - DC
specifications table ............................................................................................................................................................... 14
Updated the typical values for power consumption for all modes in Electrical Characteristics - DC Specifications table... 17
Specified the test conditions for Electrical Characteristics - DC Specifications table .......................................................... 17
Added max current and power consumption for operating Mode 1 and Mode 11 Electrical Characteristics - DC
Specifications table............................................................................................................................................................... 17
Changed VI(DPP) From: MIN = 100 V TYP = 800 V To: TYP = 800 mV MAX = 2000 mVin Electrical Characteristics -
Digital Specifications table.................................................................................................................................................... 17
Changed the typical values throughout the Electrical Characteristics - AC Specifications table ......................................... 20
Changed the NSD Test Conditions in the Electrical Characteristics - AC Specifications table ........................................... 22
Changed the AC PERFORMANCE – Modulated Signals section Test Conditions in the Electrical Characteristics -
AC Specifications table......................................................................................................................................................... 22
Changed From: LMFSHd = 841 To: LMFSHd = 84111 in the Typical Characteristics conditions statement ...................... 25
Updated graphs in the Typical Characteristics section ........................................................................................................ 25
Added: Transformer loss is not de-embedded in Figure 37 ................................................................................................ 31
Added: VCO frequency to Figure 41 through Figure 44 ...................................................................................................... 31
Changed text From: 1.25 GSPS complex per channel To: 1.23 GSPS complex per channel in the Description ............... 33
Replaced the Functional Block Diagrams, Figure 45 through Figure 50.............................................................................. 33
Updated the max input rate in Table 9 ................................................................................................................................ 44
Updated value of pull up and pull down resistors in Figure 70 under CMOS Digital Inputs ................................................ 72
Changed From: 2 x (DACFS -11) To: 2 mA x (DACFS - 11) in Equation 10 ...................................................................... 72
Changed text From: "(PFD) and charge pump (CP) is required." To: "(PFD) is approximately 550 MHz." in the
Internal PLL/VCO section ..................................................................................................................................................... 76
Updated the startup sequence in Figure 167 .................................................................................................................... 141
Replaced Figure 172 ......................................................................................................................................................... 145


Similar Part No. - DAC38RF93IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF93IAAV TI1-DAC38RF93IAAV Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF93IAAV TI1-DAC38RF93IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF93IAAVR TI1-DAC38RF93IAAVR Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF93IAAVR TI1-DAC38RF93IAAVR Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

Similar Description - DAC38RF93IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com