Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5032FADBZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032FADBZT
Description  Ultra-Low-Power Digital-Switch Hall Effect Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032FADBZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5032FADBZT Datasheet HTML 6Page - Texas Instruments DRV5032FADBZT Datasheet HTML 7Page - Texas Instruments DRV5032FADBZT Datasheet HTML 8Page - Texas Instruments DRV5032FADBZT Datasheet HTML 9Page - Texas Instruments DRV5032FADBZT Datasheet HTML 10Page - Texas Instruments DRV5032FADBZT Datasheet HTML 11Page - Texas Instruments DRV5032FADBZT Datasheet HTML 12Page - Texas Instruments DRV5032FADBZT Datasheet HTML 13Page - Texas Instruments DRV5032FADBZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
VCC
Output
Output
Control
Output
Output
Control
B
south
north
OUT1
0 mT
0V
VCC
BOP BRP
BHYS
B
north
south
OUT2
0 mT
0V
VCC
BOP
BRP
BHYS
B
south
north
OUT
0 mT
BOP
BRP
0V
VCC
BOP BRP
BHYS
BHYS
10
DRV5032
SLVSDC7A – APRIL 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: DRV5032
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 9. Omnipolar Functionality
The FD device version has two outputs, and each has a unipolar response. Pin OUT1 only responds to flux in
the top-down direction (north), and pin OUT2 only responds to flux in the bottom-up direction (south).
Figure 10. Dual-Unipolar Functionality
8.3.2.3 Output Type
The FB device version has a push-pull CMOS output that can drive a VCC or ground level. The FC device version
has an open-drain output that can become high impedance or drive ground, and an external pullup resistor must
be used.
Figure 11. Push-Pull Output (Simplified)
Figure 12. Open-Drain Output (Simplified)


Similar Part No. - DRV5032FADBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032FADBZT TI1-DRV5032FADBZT Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZT TI1-DRV5032FADBZT Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZT TI1-DRV5032FADBZT Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZT TI-DRV5032FADBZT Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032FADBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
logo
Texas Instruments
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com