Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5259B Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5259B
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5259B Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5259B Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5259B Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ52XXB
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
Device
Device
Marking
Zoner Voltage
Zener lmpedance
Leakage
Current
Vz(Volts)
@
IzT
ZzT
@ IzT
Zzk@Izk
IR@VR
Min
Nom
Max
mA
mA
uA
Volts
MMSZ5241B
HH1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242B
HH2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243B
HH3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244B
HH4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245B
HH5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246B
HJ1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247B
HJ2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248B
HJ3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5249B
HJ4
18.05
19
19.05
6.6
23
600
0.25
0.1
14
MMSZ5250B
HJ5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251B
HK1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252B
HK2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253B
HK3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254B
HK4
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255B
HK5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256B
HM1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257B
HM2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258B
HM3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259B
HM4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260B
HM5
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261B
HN1
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262B
HN2
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263B
HN3
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMSZ5264B
HN4
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMSZ5265B
HN5
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
MMSZ5266B
HP1
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMSZ5267B
HP2
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMSZ5268B
HP3
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMSZ5269B
HP4
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMSZ5270B
HP5
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
MMSZ5272B
HR2
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5259B CHENDA-MMSZ5259B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5259B PANJIT-MMSZ5259B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5259B DIOTEC-MMSZ5259B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5259B TAITRON-MMSZ5259B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5259B TSC-MMSZ5259B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com