Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA04F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA04F
Description  Triac in a TO-220F Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA04F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA04F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA04F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA04F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA04F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA04F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA04F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BTA04F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220F 塑封封装 双向可控硅。Triac in a TO-220F Plastic Package.

低控制极触发电流。
Low gate triggering current.
用于需要高灵敏度触发的场合。
General purpose applications where gate high sensitivity required.
PIN1
:Main Terminal 1
PIN 2
:Main Terminal 2
PIN 3:Gate
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - BTA04F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BTA04F YFWDIODE-BTA04F Datasheet
688Kb / 4P
   4A four-quadrant triac
BTA04F-600C YFWDIODE-BTA04F-600C Datasheet
688Kb / 4P
   4A four-quadrant triac
BTA04F-600D YFWDIODE-BTA04F-600D Datasheet
688Kb / 4P
   4A four-quadrant triac
BTA04F-600E YFWDIODE-BTA04F-600E Datasheet
688Kb / 4P
   4A four-quadrant triac
BTA04F-600S YFWDIODE-BTA04F-600S Datasheet
688Kb / 4P
   4A four-quadrant triac
More results

Similar Description - BTA04F

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BTA16F FOSHAN-BTA16F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA08F FOSHAN-BTA08F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA06F FOSHAN-BTA06F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA20F FOSHAN-BTA20F Datasheet
1Mb / 7P
   Triac in a TO-220F Plastic Package
7808F FOSHAN-7808F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
LV20100FCT FOSHAN-LV20100FCT Datasheet
815Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
7812F FOSHAN-7812F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
   Schottky Diode in a TO-220F Plastic Package
MBRF10200CT FOSHAN-MBRF10200CT Datasheet
799Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com