Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB10 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTB10
Description  Triac in a TO-220 Plastic Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB10 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB10 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB10 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BTB10
Rev.A Oct.-2016
DATA SHEET
http://www.fsbrec.com
1 / 7
TO-220 塑封封装 双向可控硅。Triac in a TO-220 Plastic Package.

中电流可控硅,低通态压降,高可靠性和稳定性,热敏电阻特性低,高转换性能。
Medium current triac, Low on state voltage drop, High reliability and stability, Low thermal resistance,
High commutation performances.
适用于一般用途交流开关。如固态继电器、加热调节、异步电动机起动电路、电机速度控制器等。
Suitable for general purpose AC switching .Such as static relays, heating regulation, induction motor
starting circuits, motor speed controllers etc.
PIN1
:Main Terminal 1
PIN 2
:Main Terminal 2
PIN 3:Gate
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - BTB10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB10 SIRECT-BTB10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
logo
STMicroelectronics
BTB10 STMICROELECTRONICS-BTB10 Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
logo
SiPower Inc.
BTB10 SIPOWER-BTB10 Datasheet
863Kb / 6P
   10A Triacs
More results

Similar Description - BTB10

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB12 FOSHAN-BTB12 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB04 FOSHAN-BTB04 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
BTB16 FOSHAN-BTB16 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com