Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB12 Datasheet(PDF) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTB12
Description  Triac in a TO-220 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB12 Datasheet(HTML) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB12 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB12 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BTB12
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
7 / 8
印章说明 / Marking Instructions
说明:
BR:

为公司代码
BTB12: 
为产品型号
60T: 

为 VRRM和 IGT 分档代码
****:

为生产批号代码,随生产批号变化。
Note:
BR:


Company Code
BTB12:
Product Type.
60T:
VRRM and IGT Bracket code
****:

Lot No. Code, code change with Lot No.
BR
****
BTB12
60T


Similar Part No. - BTB12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
   12A TRIACS
BTB12 STMICROELECTRONICS-BTB12 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
logo
Suntac Electronic Corp.
BTB12 SUNTAC-BTB12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
   12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - BTB12

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB04 FOSHAN-BTB04 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
BTB16 FOSHAN-BTB16 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com