Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1118T18LA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1118T18LA
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118T18LA Datasheet(HTML) 1 Page - Anachip Corp

  AP1118T18LA Datasheet HTML 1Page - Anachip Corp AP1118T18LA Datasheet HTML 2Page - Anachip Corp AP1118T18LA Datasheet HTML 3Page - Anachip Corp AP1118T18LA Datasheet HTML 4Page - Anachip Corp AP1118T18LA Datasheet HTML 5Page - Anachip Corp AP1118T18LA Datasheet HTML 6Page - Anachip Corp AP1118T18LA Datasheet HTML 7Page - Anachip Corp AP1118T18LA Datasheet HTML 8Page - Anachip Corp AP1118T18LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Feb. 15, 2005
1/10
Features
1.4V maximum dropout at full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Packages: TO220-5, TO252-5, TO263-5, SOP8
Good noise rejection
Fixed Output 1.5V, 1.8V, 2.5V, 3.3V, 5.0V, 9.0V,
12V
Enable function
Applications
PC peripheral
Communication
CDROM..
General Description
AP1118 is a low dropout positive fixed-mode
regulator with minimum of 1A output current
capability. The product is specifically designed to
provide well-regulated supply for low voltage IC
applications such as high-speed bus termination
and low current 3.3V logic supply. AP1118 is also
well suited for other applications such as VGA
cards. AP1118 is guaranteed to have <1.4V
dropout at full load current making it ideal to provide
well regulated outputs of 1.25 to 12V with up to 18V
input supply. The AP1118 offers a TTL – Logic
compatible enable pin.
Ordering Information
AP 1118 X XX X X
Low Dropout Regulator
Package
Vout
D : TO252-5L
T : TO220-5L
K : TO263-5L
S : SOP-8L
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
90 : 9.0V
12 : 12V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Circuit
C2
100uF
5V
3.3V/1A
Tab is Vout
Vin
Vout
GND
C1
100uF
( 5V/3.3V fixed output )
EN
NC


Similar Part No. - AP1118T18LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1118T18LA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com