Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC_8B_10-100NS Datasheet(PDF) 1 Page - Analog Devices

Part # DAC_8B_10-100NS
Description  Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC_8B_10-100NS Datasheet(HTML) 1 Page - Analog Devices

  DAC_8B_10-100NS Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital-to-Analog Selection Table
Generic
Part #
Resolution
(Bits)
Settling
Time (ns
typ)
# DACs
Per Pkg
Output (I
or V)
Data
Interface
FS Out
Range
REF
(Int/Ext)
Power Supply (V
nom)
Power
Dissipation
(mW max)
8-Bit, 10 ns to 100 ns, Sorted by Resolution, Update Rate and # of DACs Per Package
AD9748
8
11
1
I
Par
Diff (0 to 2mA),
Diff (0 to 20mA)
Int/Ext
Range-Single (+2.7 to
+3.6), Single (+3),
Single (+3.3)
135
AD9708
8
35
1
I
Par
Diff Uni 2mA, Diff
Uni 20 mA
Int/Ext
Range-Single (+2.7 to
+5.5), Single (+3),
Single (+3.3), Single
(+5)
180
AD9709
8
35
2
I
Par
Adjustable Uni
(2mA) to Uni (20
mA)
Int/Ext
Single (+3 to +5),
Range-Single (+2.7 to
+5.5)
410
DAC08
8
85
1
I
Par
Diff (0 to 2 mA)
Ext
Dual (+15, -15)
174
Last Updated: 2/2003
Page 1 of 1
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table


Similar Part No. - DAC_8B_10-100NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC-833 ETC-DAC-833 Datasheet
192Kb / 4P
   HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
DATEL, Inc.
DAC-88 DATEL-DAC-88 Datasheet
216Kb / 6P
   High-Performance, 12-Bit DACs with Input Registers
DAC-88-2 DATEL-DAC-88-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88-2-C DATEL-DAC-88-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88-2-C/883 DATEL-DAC-88-2-C/883 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results

Similar Description - DAC_8B_10-100NS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC_12B_10-100NS AD-DAC_12B_10-100NS Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Texas Instruments
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com