Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP-SEMC08 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # RP-SEMC08
Description  eMMC, Industrial/Au tomotive MLC Model
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RP-SEMC08 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  RP-SEMC08 Datasheet HTML 1Page - Panasonic Semiconductor RP-SEMC08 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RP-SEMCxxDA1
Page
2
of
2
(2017.04.27)
■ Package specifications (FBGA153)
< Top View >
< Bottom View >
(Unit: mm)
■ System Reliability
a. Powerful error detecting and correcting function
b. Dynamic/Static wear leveling
c. Data recovery in case of power failure in writing
d.Automatic refresh function
e. Bad block management
■ Notice and Caution
If you think about the usage for which special quality or reliability of the products is needed and
failure or malfunction of the products may directly threaten life or injury for the special usage
(aeronautic or cosmic usage, military usage, combustion machine, life support applications or
safety applications), please counsel with our contacts in advance.
Write frequency and storage temperature will affect data retention time. Please make a backup
for important data.
■ Warranty
If the product cannot be used because of failure which is determined as defect in design or in
production of the product, it is replaced by same product or equivalent one within 12 months
from the delivery date of product.


Similar Part No. - RP-SEMC08

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RP-SERIES YAGEO-RP-SERIES Datasheet
450Kb / 9P
   THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jul. 25, 2022 V.0
More results

Similar Description - RP-SEMC08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RP-SDPC PANASONIC-RP-SDPC Datasheet
163Kb / 2P
   SD Memory Card, Industrial MLC Model
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
   microSD Memory Card, Industrial MLC Model
RP-SDP PANASONIC-RP-SDP Datasheet
126Kb / 2P
   SD Memory Card, Industrial MLC Model
logo
Greenliant systems
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
   Industrial Temp eMMC NANDrive
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Greenliant systems
GLS85VM10XXE GREENLIANT-GLS85VM10XXE Datasheet
106Kb / 7P
   Industrial Grade eMMC NANDrive EX Series
GLS85VM1004G GREENLIANT-GLS85VM1004G Datasheet
167Kb / 7P
   Industrial Grade eMMC NANDrive EX Series
GLS85VM1002E GREENLIANT-GLS85VM1002E Datasheet
166Kb / 7P
   Industrial Grade eMMC NANDrive EX Series
GLS85VM1008C GREENLIANT-GLS85VM1008C Datasheet
166Kb / 7P
   Industrial Temp eMMC NANDrive MX Series
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
   Industrial Grade eMMC NANDrive EX Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com