Electronic Components Datasheet Search |
|
T496D227K006CC631B Datasheet(PDF) 8 Page - Kemet Corporation |
|
T496D227K006CC631B Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 61 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com TC111_SPACE • 4/14/2014 8 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2025_T493_SPACE • 4/14/2014 44 Tantalum Surface Mount Capacitors High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade Test Methods X = Included in test option * Group B Testing = 10,000 Cycles Surge Current, 85°C, 40% Vr ** Group C Post Moisture ESR limit = 1.25 initial limit *** 2 Plane X-ray = Top and side views, molded case wall thickness minimum 0.005" on all sides, negative/positive termination attachment criteria per MIL- STD-1580 Test Sequence Test Method Option A Option B Option C 100% Serialization KEMET Standard X 100% IR Reflow MIL-PRF-55365 X X X 100% Thermal Shock MIL-PRF-55365 X X X 100% Electrical Verification KEMET Standard X X Read and Record Attributes/Variables Data KEMET Standard X 100% Surge Current, Option C with 5% PDA Calculation MIL-PRF-55365 with 5% PDA Calculation X X X 100% Electrical Verification KEMET Standard X X Read and Record Attributes/Variables Data KEMET Standard X 100% Voltage Aging, 10 hours @1.32 Vr MIL-PRF-55365 X X 100% Electrical Verification KEMET Standard X X 100% Weibull Grading B or C MIL-PRF-55365 X X X 100% Electrical Verification KEMET Standard X X X Read and Record Attributes/Variables Data KEMET Standard X 100% Surge Current, Option A or B with 5% PDA Calculation MIL-PRF-55365 with 5% PDA Calculation X X X 100% Electrical Verification KEMET Standard X X X Read and Record Attributes/Variables Data KEMET Standard X 3 Sigma Screening - All Electricals KEMET Standard X X X Read and Record Attributes/Variables Data KEMET Standard X Destructive Physical Analysis (DPA) (5 pieces- each lot) MIL-PRF-55365 X X X Group B Testing (22 pieces - each lot) * See Note Below X X Temperature Stability - sample MIL-PRF-55365 X X X Solderability - Sample MIL-PRF-55365 X X X Group C Testing (57 pieces - each Lot)** MIL-PRF-55365 X X 100% X-ray MIL-PRF-55365 X 100% X-ray - 2 Plane*** MIL-PRF-55365 and KEMET Standard X X 100% Physical Dimension Verification MIL-PRF-55365 X X X Data Pack Group A and C Summaries X X 2 Plane X-ray JPEG photos X X DPA Report X X Attributes/Variables Data for Cap/Df/DCL/ESR X |
Similar Part No. - T496D227K006CC631B |
|
Similar Description - T496D227K006CC631B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |