Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS396CAI Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS396CAI
Description  Precision, 16-Channel 17V Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396CAI Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PS396CAI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 9Page - Pericom Semiconductor Corporation PS396CAI Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Figure4.Break-Before-MakeInterval
V+
+5V
–5V
+3V
+2.4V
300
GND
V–
A0
A1
A2
A3
EN
NO1-NO16
COM
50
VOUT
35pF
+3V
0V
0V
VOUT
Logic
Input
Switch
Output
50%
tR < 20ns
tF < 20ns
80%
tOPEN
Figure 5. Charge Injection (VCTE)
V+
+5V
–5V
GND
V–
A0
A1
A2
A3
EN
NO1-NO16
COM
VS
CL = 100pF
+3V
0V
VOUT
VCTE = CL = ∆VOUT
∆V
OUT
∆V
OUT is the measured Voltage due to charge transfer
error Q when the channel turns off.
Logic
Input
Channel
Select
VOUT
OFF
ON
OFF
Figure 6. Off-Isolation (VISO)
V+
+5V
–5V
GND
V–
A0
A1
A2
A3
EN
NO1
NO16
COM
VIN
RL = 1k
VOUT
10nF
RS = 50Ω
Off-isolation = 20log
VOUT
VIN
Figure 7. Cross Talk (VCT)
V+
+5V
–5V
GND
V–
A0
A1
A2
A3
EN
NO2
NO16
COM
VIN
RL = 1k
VOUT
10nF
R = 1k
Crosstalk = 20log
VOUT
VIN
NO1
Test Circuits and Timing Diagrams (continued)


Similar Part No. - PS396CAI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS396CAI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com