Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7214-1A-F3 Datasheet(PDF) 3 Page - NEC

Part # PS7214-1A-F3
Description  4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7214-1A-F3 Datasheet(HTML) 3 Page - NEC

  PS7214-1A-F3 Datasheet HTML 1Page - NEC PS7214-1A-F3 Datasheet HTML 2Page - NEC PS7214-1A-F3 Datasheet HTML 3Page - NEC PS7214-1A-F3 Datasheet HTML 4Page - NEC PS7214-1A-F3 Datasheet HTML 5Page - NEC PS7214-1A-F3 Datasheet HTML 6Page - NEC PS7214-1A-F3 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS7214-1A
TYPICAL PERFORMANCE CURVES (TA = 25°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
FORWARD VOLTAGE
vs. AMBIENT TEMPERATURE
OUTPUT CAPACITANCE
vs. APPLIED VOLTAGE
OFF-STATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
LOAD CURRENT vs. LOAD VOLTAGE
Ambient Temperature,TA (°C)
Ambient Temperature,TA (°C)
Ambient Temperature,TA (°C)
Applied Voltage, VD (V)
Load Voltage, VL (V)
Ambient Temperature,TA (°C)
100
80
60
40
20
0
-25
0
25
50
75
100
85
600
400
200
0
-25
0
25
50
75
100
85
200
150
100
50
0
010
20
30
40
60
50
f = 1 MHz
0
20
40
60
80
10-6
10 -7
10-10
10-11
10-9
10 -8
VD = 100 V
1.8
1.4
1.2
1.0
0.8
-25
0
50
75
100
25
IF = 50 mA
20 mA
10 mA
5 mA
1 mA
1.6
30 mA
200
400
-200
-400
IF = 10 mA
IL = 400 mA
-0.8
-0.4
0.4
0.8
0
600
-600


Similar Part No. - PS7214-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7214-1A-F3 NEC-PS7214-1A-F3 Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7214-1A-F3 CEL-PS7214-1A-F3 Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A-F3-A NEC-PS7214-1A-F3-A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7214-1A-F3-A CEL-PS7214-1A-F3-A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7214-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com