Electronic Components Datasheet Search |
|
T496X227M020CC641B Datasheet(PDF) 10 Page - Kemet Corporation |
|
T496X227M020CC641B Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 61 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com TC111_SPACE • 4/14/2014 10 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2025_T493_SPACE • 4/14/2014 66 Tantalum Surface Mount Capacitors High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade Rated Voltage Rated Capacitance Case Code/ Case Size KEMET Part Number DC Leakage DF Standard ESR Low ESR Moisture Sensitivity V µF KEMET/EIA (See below for part options) µA @ +20ºC Maximum/5 Min % @ +20ºC 120 Hz Maximum Ω @ +20ºC 100 kHz Maximum Ω @ +20ºC 100 kHz Maximum Temperature ≤ 260ºC 4 2.2 A/3216–18 T493A225(1)004(2)(3)(4)(5)(6) 0.5 6.0 8.0 6.0 1 4 3.3 A/3216–18 T493A335(1)004(2)(3)(4)(5)(6) 0.5 6.0 8.0 4.0 1 4 4.7 A/3216–18 T493A475(1)004(2)(3)(4)(5)(6) 0.5 6.0 8.0 3.5 1 4 6.8 A/3216–18 T493A685(1)004(2)(3)(4)(5)(6) 0.5 6.0 6.0 3.0 1 4 6.8 B/3528-21 T493B685(1)004(2)(3)(4)(5)(6) 0.5 6.0 5.5 2.0 1 4 10.0 A/3216–18 T493A106(1)004(2)(3)(4)(5)(6) 0.5 6.0 6.0 2.0 1 4 10.0 B/3528-21 T493B106(1)004(2)(3)(4)(5)(6) 0.5 6.0 3.5 1.2 1 4 15.0 A/3216–18 T493A156(1)004(2)(3)(4)(5)(6) 0.6 6.0 4.0 1.5 1 4 15.0 B/3528-21 T493B156(1)004(2)(3)(4)(5)(6) 0.6 6.0 3.5 1.2 1 4 22.0 A/3216–18 T493A226(1)004(2)(3)(4)(5)(6) 0.9 6.0 4.0 1.5 1 4 22.0 B/3528-21 T493B226(1)004(2)(3)(4)(5)(6) 0.9 6.0 3.5 0.6 1 4 22.0 C/6032-28 T493C226(1)004(2)(3)(4)(5)(6) 0.9 6.0 1.8 0.5 1 4 33.0 B/3528-21 T493B336(1)004(2)(3)(4)(5)(6) 1.3 6.0 3.5 0.5 1 4 33.0 C/6032-28 T493C336(1)004(2)(3)(4)(5)(6) 1.3 6.0 1.8 0.5 1 4 47.0 B/3528-21 T493B476(1)004(2)(3)(4)(5)(6) 1.9 6.0 3.0 0.5 1 4 47.0 C/6032-28 T493C476(1)004(2)(3)(4)(5)(6) 1.9 6.0 1.8 0.5 1 4 68.0 B/3528-21 T493B686(1)004(2)(3)(4)(5)(6) 2.7 6.0 3.5 2.0 1 4 68.0 C/6032-28 T493C686(1)004(2)(3)(4)(5)(6) 2.7 6.0 1.6 0.25 1 4 68.0 D/7343-31 T493D686(1)004(2)(3)(4)(5)(6) 2.7 6.0 0.8 0.2 1 4 100.0 C/6032-28 T493C107(1)004(2)(3)(4)(5)(6) 4.0 8.0 1.2 0.2 1 4 100.0 D/7343-31 T493D107(1)004(2)(3)(4)(5)(6) 4.0 8.0 0.8 0.2 1 4 150 C/6032-28 T493C157(1)004(2)(3)(4)(5)(6) 6 8 1.2 0.3 1 4 150 D/7343-31 T493D157(1)004(2)(3)(4)(5)(6) 6 8 0.8 0.15 1 4 220 D/7343-31 T493D227(1)004(2)(3)(4)(5)(6) 8.8 8 0.9 0.7 1 4 330 D/7343-31 T493D337(1)004(2)(3)(4)(5)(6) 13.2 8 0.7 0.15 1 4 330 X/7343-43 T493X337(1)004(2)(3)(4)(5)(6) 13.2 8 0.5 0.2 1 6.3 1.5 A/3216–18 T493A155(1)006(2)(3)(4)(5)(6) 0.5 6 8 6 1 6.3 2.2 A/3216–18 T493A225(1)006(2)(3)(4)(5)(6) 0.5 6 8 6 1 6.3 3.3 A/3216–18 T493A335(1)006(2)(3)(4)(5)(6) 0.5 6 8 6 1 6.3 4.7 A/3216–18 T493A475(1)006(2)(3)(4)(5)(6) 0.5 6 6 3.5 1 6.3 4.7 B/3528-21 T493B475(1)006(2)(3)(4)(5)(6) 0.5 6 5.5 3.5 1 6.3 6.8 A/3216–18 T493A685(1)006(2)(3)(4)(5)(6) 0.5 6 6 2 1 6.3 6.8 B/3528-21 T493B685(1)006(2)(3)(4)(5)(6) 0.5 6 3.5 1.2 1 6.3 10 A/3216–18 T493A106(1)006(2)(3)(4)(5)(6) 0.6 6 4 2 1 6.3 10 B/3528-21 T493B106(1)006(2)(3)(4)(5)(6) 0.6 6 3.5 1 1 6.3 15 A/3216–18 T493A156(1)006(2)(3)(4)(5)(6) 0.9 6 4 1.5 1 6.3 15 B/3528-21 T493B156(1)006(2)(3)(4)(5)(6) 0.9 6 3.5 0.7 1 6.3 15 C/6032-28 T493C156(1)006(2)(3)(4)(5)(6) 0.9 6 1.8 0.6 1 6.3 22 B/3528-21 T493B226(1)006(2)(3)(4)(5)(6) 1.4 6 3.5 0.6 1 6.3 22 C/6032-28 T493C226(1)006(2)(3)(4)(5)(6) 1.4 6 1.8 0.5 1 6.3 33 B/3528-21 T493B336(1)006(2)(3)(4)(5)(6) 2 6 3 0.6 1 6.3 33 C/6032-28 T493C336(1)006(2)(3)(4)(5)(6) 2 6 1.8 0.3 1 6.3 47 B/3528-21 T493B476(1)006(2)(3)(4)(5)(6) 2.9 6 3.5 2 1 6.3 47 C/6032-28 T493C476(1)006(2)(3)(4)(5)(6) 2.9 6 1.6 0.25 1 6.3 47 D/7343-31 T493D476(1)006(2)(3)(4)(5)(6) 2.9 6 0.8 0.22 1 6.3 68 C/6032-28 T493C686(1)006(2)(3)(4)(5)(6) 4.1 6 1.2 0.2 1 6.3 68 D/7343-31 T493D686(1)006(2)(3)(4)(5)(6) 4.1 6 0.8 0.2 1 V µF KEMET/EIA (See below for part options) µA @ +20ºC Maximum/5 Min % @ +20ºC 120 Hz Maximum Ω @ +20ºC 100 kHz Maximum Ω @ +20ºC 100 kHz Maximum Temperature ≤ 260ºC Rated Voltage Rated Capacitance Case Code/ Case Size KEMET Part Number DC Leakage DF Standard ESR Low ESR Moisture Sensitivity Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, insert M for ±20%, K for ±10%. Designates Capacitance tolerance. (2) To complete KEMET part number, insert C (0.01%/1,000 hours). Designates Reliability Level. (3) To complete KEMET part number, insert H = Solder Plated or T = 100% Tin (Sn). Designates Termination Finish. (4) To complete KEMET part number, insert 61 = None, 62 = 10 cycles +25°C, 63 = 10 cycles -55°C +85°C after Weibull, 64 = 10 cycles -55°C +85°C before Weibull or 65 = Both. Designates Surge current option. (5) To complete KEMET part number, insert 1 = Standard ESR, 2 = Low ESR. Designates ESR option. (6) To complete KEMET part number, insert A = Option 1, B = Option 2 or C = Option 3. Designates Test Option. See Space Grade Test Methods chart for more information. Refer to Ordering Information for additional detail. |
Similar Part No. - T496X227M020CC641B |
|
Similar Description - T496X227M020CC641B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |