Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5267BS Datasheet(PDF) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5267BS
Description  Zener Diode in a SOD-323 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5267BS Datasheet(HTML) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5267BS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5267BS Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MMSZ52XXBS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
7 / 7
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOD-323
3,000
10
30,000
8
240,000
7〞×8
180×120×180
385×257×392
使用说明 / Notices


Similar Part No. - MMSZ5267BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5267BS PANJIT-MMSZ5267BS Datasheet
79Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5267BS YEASHIN-MMSZ5267BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Foshan Blue Rocket Elec...
MMSZ5267BS FOSHAN-MMSZ5267BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
logo
Formosa MS
MMSZ5267BS-FL FORMOSA-MMSZ5267BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Tak Cheong Electronics ...
MMSZ5267BSW TAK_CHEONG-MMSZ5267BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ5267BS

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C11S FOSHAN-BZT52C11S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C36S FOSHAN-BZT52C36S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5223BS FOSHAN-MMSZ5223BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5256BS FOSHAN-MMSZ5256BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com