Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1718564002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1718564002
Description  2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1718564002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1718564002 Datasheet HTML 1Page - Molex Electronics Ltd. 1718564002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Range - Operating
-40°C to +105°C, -40°C to +80°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
030
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-171856-0001-000
Product Specification
PS-171856-0001-001, PS-171856-0002-001,
TS-171856-0001-001, TS-171856-0002-001
Sales Drawing
SD-171856-0001-000, SD-171856-0001-002
This document was generated on 08/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1718564002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1718564002 MOLEX1-1718564002_17 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, 15關m Gold (Au) Plating
More results

Similar Description - 1718564002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1718564005 MOLEX1-1718564005 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock
1718563009 MOLEX1-1718563009 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock
1718564003 MOLEX1-1718564003 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock
1718564004 MOLEX1-1718564004 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock
1718560002 MOLEX1-1718560002 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
1718563004 MOLEX1-1718563004 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
1718563011 MOLEX1-1718563011 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
1718560007 MOLEX1-1718560007 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
1718563012 MOLEX1-1718563012 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
1718563007 MOLEX1-1718563007 Datasheet
38Kb / 2P
   2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com